Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLS7G3135L-350P Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLS7G3135L-350P
Description  LDMOS S-band radar power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLS7G3135L-350P Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLS7G3135L-350P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLS7G3135L-350P Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BLS7G3135L-350P_7G3135LS-350P#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
7 of 13
BLS7G3135L(S)-350P
LDMOS S-band radar power transistor
VDS = 32 V; IDq = 200 mA; tp =300 s;  =10 %.
(1) f = 3100 MHz
(2) f = 3300 MHz
(3) f = 3500 MHz
VDS = 32 V; IDq = 200 mA; tp = 300 s;  =10%;
PL = 350 W.
Fig 5.
Output power as a function of input power;
typical values
Fig 6.
Drain efficiency as a function of frequency;
typical values
VDS = 32 V; IDq = 200 mA; tp = 300 s;  =10 %;
PL = 350 W.
VDS = 32 V; IDq = 200 mA; tp = 300 s;  =10%;
PL = 350 W.
Fig 7.
Power gain as a function of frequency; typical
values
Fig 8.
Input return loss as a function of frequency;
typical values
aaa-009191
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
Pi (W)
PL
PL
(W)
(W)
(W)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
aaa-009192
2900 3000 3100 3200 3300 3400 3500 3600 3700
39
40
41
42
43
f (MHz)
ηD
ηD
(%)
(%)
(%)
aaa-009193
2900 3000 3100 3200 3300 3400 3500 3600 3700
9
10
11
12
13
14
f (MHz)
Gp
Gp
(dB)
(dB)
(dB)
aaa-009194
2900 3000 3100 3200 3300 3400 3500 3600 3700
0
2
4
6
8
10
f (MHz)
RL
RLin
in
RLin
(dB)
(dB)
(dB)


Similar Part No. - BLS7G3135L-350P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS7G3135L-350P NXP-BLS7G3135L-350P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLS7G3135L-350P PHILIPS-BLS7G3135L-350P_15 Datasheet
188Kb / 13P
   BLS7G3135L-350P_15
Rev. 3-29 October 2013
More results

Similar Description - BLS7G3135L-350P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G2731S-130 PHILIPS-BLS6G2731S-130_15 Datasheet
143Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-18 November 2010
BLS7G2933S-150 PHILIPS-BLS7G2933S-150_15 Datasheet
129Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-23 February 2011
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2934L-400 AMPLEON-BLS9G2934L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??6 April 2017
logo
NXP Semiconductors
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
   LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
   LDMOS S-band radar power transistor
Rev. 5-16 May 2014
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
   LDMOS S-band radar power transistor
Rev. 01-11 December 2008
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
   LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
logo
Ampleon Netherlands B.V...
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
logo
NXP Semiconductors
BLS6G3135-120 PHILIPS-BLS6G3135-120_15 Datasheet
84Kb / 12P
   LDMOS S-Band radar power transistor
Rev. 02-29 May 2008
BLS7G3135LS-200 PHILIPS-BLS7G3135LS-200_15 Datasheet
138Kb / 10P
   LDMOS S-band radar power transistor
Rev. 2-23 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com