Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93463SB Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S93463SB
Description  Precision Supply-Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93463SB Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S93463SB Datasheet HTML 1Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 2Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 3Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 4Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 5Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 6Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 7Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 8Page - Summit Microelectronics, Inc. S93463SB Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
S93462/S93463
2021 4.2 1/23/01
Summit Microelectronics, Inc.
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+2.7 to 6.0V Power Supply
GND
Ground
RESET/RESET#
RESET I/O
PIN CONFIGURATION
DEVICE OPERATION
APPLICATIONS
The S93462/463 is ideal for applications requiring low
voltage and low power consumption. This device pro-
vides microcontroller RESET control and can be manu-
ally resettable.
RESET CONTROLLER DESCRIPTION
The S93462/463 provides a precision reset controller
that ensures correct system operation during brownout
and power-up/-down conditions. It is configured with two
open drain reset outputs; pin 7 is an active high output
and pin 6 is an active low output.
During power-up, the reset outputs remain active until
VCC reaches the VTRIP threshold. The outputs will con-
tinue to be driven for approximately 150ms after reach-
ing VTRIP. The reset outputs will be valid so long as VCC
is
1.0V. During power-down, the reset outputs will
begin driving active when VCC falls below VTRIP.
The reset pins are I/Os; therefore, the S93462/463 can
act as a signal conditioning circuit for an externally
applied reset. The inputs are edge triggered; that is, the
RESET input will initiate a reset time-out after detecting
a low to high transition and the RESET# input will initiate
a reset time-out after detecting a high to low transition.
Refer to the applications Information section for more
details on device operation as a debounce/reset ex-
tender circuit.
It should be noted the reset outputs are open drain.
When used as outputs driving a circuit they need to be
either tied high (RESET#) or tied to ground (RESET)
through the use of pull-up or pull-down resistors. Refer
to the applications aid section for help in determining the
value of resistor to be used. Internally these pins are
weakly pulled up (RESET#) and pulled down (RESET):
therefore, if the signals are not being used the pins may
be left unconnected.
GENERAL OPERATION
The S93462/463 is a 1024-bit nonvolatile memory
intended for use with industry standard microproces-
sors. The S93463 is organized as X16, seven 9-bit
instructions control the reading, writing and erase
operations of the device. The S93462 is organized as
X8, seven 10-bit instructions control the reading, writing
and erase operations of the device. The device operates
on a single 3V or 5V supply and will generate on chip, the
high voltage required during any write operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO
pin is normally in a high impedance state except when
reading data from the device, or when checking the
ready/busy status after a write operation.
The ready/busy status can be determined after the start
of a write operation by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that
the device is ready for the next instruction. See the
Applications Aid section for detailed use of the ready
busy status.
CS
SK
DI
DO
VCC
RESET
RESET#
GND
1
2
3
4
8
7
6
5
8-Pin SOIC
2021 T PCon 2.0


Similar Part No. - S93463SB

ManufacturerPart #DatasheetDescription
logo
Rohm
S9346-ND ROHM-S9346-ND Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
More results

Similar Description - S93463SB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com