Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24022S2.7T Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # S24022S2.7T
Description  Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24022S2.7T Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  S24022S2.7T Datasheet HTML 1Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 2Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 3Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 4Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 5Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 6Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 7Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 8Page - Summit Microelectronics, Inc. S24022S2.7T Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
S24042/S24043
5
2011 2.1 8/2/00
SUMMIT MICROELECTRONICS, Inc.
FIGURE 5. PAGE/BYTE WRITE MODE
WRITE OPERATIONS
The S24042/43 allows two types of write operations: byte
write and page write. The byte write operation writes a
single byte during the nonvolatile write period (tWR). The
page write operation allows up to 16 bytes in the same
page to be written during tWR.
Byte WRITE
Upon receipt of the slave address and word address, the
S24042/43 responds with an ACKnowledge. After receiv-
ing the next byte of data, it again responds with an
ACKnowledge. The master then terminates the transfer
by generating a STOP condition, at which time the
S24042/43 begins the internal write cycle.
While the internal write cycle is in progress, the S24042/
43 inputs are disabled, and the device will not respond to
any requests from the master. Refer to Figure 5 for the
address, ACKnowledge and data transfer sequence.
Page WRITE
The S24042/43 is capable of a 16-byte page write opera-
tion. It is initiated in the same manner as the byte-write
operation, but instead of terminating the write cycle after
the first data word, the master can transmit up to 15 more
bytes of data. After the receipt of each byte, the S24042/
43 will respond with an ACKnowledge.
The S24042/43 automatically increments the address for
subsequent data words. After the receipt of each word,
the low order address bits are internally incremented by
one. The high order five bits of the address byte remain
constant. Should the master transmit more than 16 bytes,
prior to generating the STOP condition, the address
counter will “roll over,” and the previously written data will
be overwritten. As with the byte-write operation, all inputs
are disabled during the internal write cycle. Refer to
Figure 5 for the address, ACKnowledge and data transfer
sequence.
Read/Write Bit
The last bit of the data stream defines the operation to be
performed. When set to “1,” a read operation is selected;
when set to “0,” a write operation is selected.
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
7
A
8
A
8
A
6
A
5
A
4
A
3
A
2
A
1
A
0
D
7
D
5
D
6
D
4
D
0
D
3
D
2
D
1
S
T
A
R
T
Word Address
Data Byte n
Data Byte n+15
S
T
O
P
A
C
K
Acknowledges Transmitted from
24042/43 to Master Receiver
Slave Address
Device
Type
Address
Read/Write
0= Write
SDA
Bus
Activity
A
C
K
A
C
K
Master Sends Read
Request to Slave
Master Writes Word
Address to Slave
1 0 1 0
0
Data Byte n+1
A
C
K
Master Writes
Data to Slave
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Shading Denotes
24042/43
SDA Output Active
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Master Writes
Data to Slave
Master Writes
Data to Slave
Acknowledges Transmitted from
24042/43 to Master Receiver
If single byte-write only,
Stop bit issued here.
XX
R
W
A
C
K
2011 ILL8 1.0


Similar Part No. - S24022S2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24022S2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com