Electronic Components Datasheet Search |
|
S24163S2.7 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc. |
|
S24163S2.7 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc. |
6 / 12 page 6 S24163 2014 2.1 8/2/00 FIGURE 8. CURRENT ADDRESS BYTE READ MODE FIGURE 7. ACKNOWLEDGE POLLING Acknowledge Polling When the S24163 is performing an internal WRITE opera- tion, it will ignore any new START conditions. Since the device will only return an acknowledge after it accepts the START, the part can be continuously queried until an acknowledge is issued, indicating that the internal WRITE cycle is complete. To poll the device, give it a START condition, followed by a slave address for a WRITE operation (See Figure 7). READ OPERATIONS Read operations are initiated with the R/W bit of the identification field set to “1.” There are four different read options: 1. Current Address Byte Read 2. Random Address Byte Read 3. Current Address Sequential Read 4. Random Address Sequential Read Current Address Byte Read The S24163 contains an internal address counter which maintains the address of the last word accessed, incre- mented by one. If the last address accessed (either a read or write) was to address location n, the next read operation would access data from address location n+1 and incre- ment the current address pointer. When the S24163 receives the slave address field with the R/W bit set to “1,” it issues an acknowledge and transmits the 8-bit word stored at address location n+1. The current address byte read operation only accesses a single byte of data. The master does not acknowledge the transfer, but does generate a stop condition. At this point, the S24163 discontinues data transmission. See Figure 8 for the address acknowledge and data transfer sequence. Issue Start Internal WRITE Cycle In Progress; Begin ACK Polling Issue Slave Address and R/W = 0 ACK Returned? Next operation a WRITE? Issue Byte Address Proceed with WRITE Issue Stop Await Next Command Issue Stop No No Yes (Internal WRITE Cycle is completed) Yes 2014 ILL 9 1.0 S T A R T S T O P Slave Address Device Type Address Read/Write 1= Read A10,A9,A8 SDA Bus Activity D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Master sends Read request to Slave Slave sends Data to Master Master Transmitter to Slave Receiver Slave Transmitter to Master Receiver 1 1 1 00 1 Lack of ACK (low) from Master determines last data byte to be read 1 Shading Denotes 24163 SDA Output Active A 9 A 10 R W A C K A 8 Data Byte 2014 T fig08 2.0 |
Similar Part No. - S24163S2.7 |
|
Similar Description - S24163S2.7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |