Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24022SB Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # S24022SB
Description  Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24022SB Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button S24022SB Datasheet HTML 6Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 7Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 8Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 9Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 10Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 11Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 12Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 13Page - Summit Microelectronics, Inc. S24022SB Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
S24042/S24043
11
2011 2.1 8/2/00
SUMMIT MICROELECTRONICS, Inc.
FIGURE 11. RESET OUTPUT TIMING
S24042/43-2.7
S24042/43–A
S24042/43–B
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
VTRIP
Reset Trip Point
2.55
2.7
4.25
4.5
4.5
4.75
V
tPURST
Power-Up Reset Timeout
130
270
130
270
130
270
ms
tRPD
VTRIP to RESET Output Delay
5
5
5
µs
VRVALID
RESET# Output Valid
1
1
1
V
tGLITCH
Glitch Reject Pulse Width
30
30
30
ns
VOLRS
RESET# Output Low Voltage IOL= 1mA
0.4
0.4
0.4
V
VOHRS
RESET Output High Voltage IOH = 800 µA
VCC-.75
VCC-.75
VCC-.75
V
RESET CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C
2011 PGM T6 1.1
VCC
VRVALID
VTRIP
tPURST
RESET#
RESET
2011 T fig11 2.0
tGLITCH
tRPD
tPURST
tRPD
S24042 only


Similar Part No. - S24022SB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24022SB

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com