Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ5LU-1212Z Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PZ5LU-1212Z
Description  PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PZ5LU-1212Z Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PZ5LU-1212Z Datasheet HTML 1Page - PEAK electronics GmbH PZ5LU-1212Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MZ SERIES
PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
Available Inputs:
5, 12 and 15 VDC
Available Outputs:
(+/-) 5, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
3000 VDC
Resistance
1000 MOhm
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1.2 % 1% Vin
Load voltage regulation
+/- 8 % max. , Load 20 % – 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % min.
Switching frequency
100 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 20° C to + 71° C
Storage temperature
- 25 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
19.50 x 6.00 x 9.60 mm
0.76 x 0.24 x 0.37 inches
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
PZ5LU-0505Z
5
+/- 5
+/- 75
PZ5LU-0512Z
5
+/- 12
+/- 30
PZ5LU-0515Z
5
+/- 15
+/- 25
PZ5LU-1205Z
12
+/- 5
+/- 75
PZ5LU-1212Z
12
+/- 12
+/- 30
PZ5LU-1215Z
12
+/- 15
+/- 25
PZ5LU-1505Z
15
+/- 5
+/- 75
PZ5LU-1512Z
15
+/- 12
+/- 30
PZ5LU-1515Z
15
+/- 15
+/- 25


Similar Part No. - PZ5LU-1212Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PZ5LU-1212E PEAK-PZ5LU-1212E Datasheet
212Kb / 2P
   PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
More results

Similar Description - PZ5LU-1212Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PZ5LU-053R3E PEAK-PZ5LU-053R3E Datasheet
212Kb / 2P
   PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
PZ5CU-0505Z PEAK-PZ5CU-0505Z Datasheet
207Kb / 2P
   PZ5CUxxxxZ 1 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
PZ5CU-053R3E PEAK-PZ5CU-053R3E Datasheet
212Kb / 2P
   PZ5CUxxxxE 1 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
P6LU-053R3ZH52 PEAK-P6LU-053R3ZH52 Datasheet
235Kb / 2P
   5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
logo
List of Unclassifed Man...
PZ5CG ETC1-PZ5CG Datasheet
213Kb / 2P
   0.5 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT SIP7
logo
PEAK electronics GmbH
PZ5CG-0505E PEAK-PZ5CG-0505E Datasheet
205Kb / 2P
   PZ5CGxxxxE 0.5 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT SIP7
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com