Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM293W Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM293W
Description  LOW POWER DUAL VOLTAGE COMPARATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM293W Datasheet(HTML) 1 Page - STMicroelectronics

  LM293W Datasheet HTML 1Page - STMicroelectronics LM293W Datasheet HTML 2Page - STMicroelectronics LM293W Datasheet HTML 3Page - STMicroelectronics LM293W Datasheet HTML 4Page - STMicroelectronics LM293W Datasheet HTML 5Page - STMicroelectronics LM293W Datasheet HTML 6Page - STMicroelectronics LM293W Datasheet HTML 7Page - STMicroelectronics LM293W Datasheet HTML 8Page - STMicroelectronics LM293W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
s WIDE SINGLE SUPPLY VOLTAGE RANGE
OR DUAL SUPPLIES : +2V TO +36V OR ±1V
TO ±18V
s VERY LOW SUPPLY CURRENT (0.4mA)
INDEPENDENT OF SUPPLY VOLTAGE
(1mW/comparator at +5V)
s LOW INPUT BIAS CURRENT : 25nA TYP
s LOW INPUT OFFSET CURRENT : ±5nA TYP
s LOW INPUT OFFSET VOLTAGE : ±1mV TYP
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
s LOW OUTPUT SATURATION VOLTAGE :
250mV TYP. (Io = 4mA)
s DIFFERENTIAL INPUT VOLTAGE RANGE
EQUAL TO THE SUPPLY VOLTAGE
s TTL, DTL, ECL, MOS, CMOS COMPATIBLE
OUTPUTS
s ESD INTERNAL PROTECTION: 2kV
DESCRIPTION
These devices consist of two independent low
voltage comparators designed specifically to oper-
ate from a single supply over a wide range of volt-
ages. Operation from split power supplies is also
possible.
These comparators also have a unique character-
istic in that the input common-mode voltage range
includes ground even though operated from a sin-
gle power supply voltage.
All the pins are protected against electrostatic dis-
charge up to 2kV. As a consequence, the input
voltages must not exceed the magnitude of Vcc+
or Vcc-.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape
&Reel (PT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
ND
P
LM193W
-55°C, +125°C
••
LM293W
-40°C, +105°C
••
LM393W
0°C, +70°C
••
Example : LM393WD
D
SO8
(Plastic Micropackage)
N
DIP8
(Plastic Package)
P
TSSOP8
(Thin Shrink Small Outline Package)
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
LM193W - LM293W
LM393W
LOW POWER DUAL VOLTAGE COMPARATORS
May 2004


Similar Part No. - LM293W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM293 TI1-LM293 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Guangdong Youtai Semico...
LM293 UMW-LM293 Datasheet
409Kb / 4P
   Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Guangdong Kexin Industr...
LM293 KEXIN-LM293 Datasheet
102Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM293W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com