Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA31U-180 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSA31U-180
Description  20-30 Watt Universal 3-Wire Input Adapter PSA31U Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PSA31U-180 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSA31U-180 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSA31U-180 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSA31U-180 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WWW.PHIHONG.COM
20-30 Watt Universal 3-Wire Input Adapter
PSA31U Single Output Switching Power Supply
Features
Applications
Safety Approvals
Mechanical Characteristics
Output Specifications
Load
Model
DC Output
Voltage
Min.
Max.
Ripple (1)
P-P (max.)
Regulation L-L
PSA31U-050
+5V
0A
4A
50mV
±5%
PSA31U-090
+9V
0A
2.2A
90mV
±5%
PSA31U-120
+12V
0A
2.5A
120mV
±5%
PSA31U-150
+15V
0A
2A
150mV
±5%
PSA31U-180
+18V
0A
1.6A
180mV
±5%
PSA31U-240
+24V
0A
1.25A
240mV
±5%
PSA31U-480
+48V
0A
0.625A
200mV
±5%
(1) Measured with by-pass capacitors 0.1uf/10uf at output connector terminal and oscilloscope set at 20 Mhz.
Phihong is not responsible for any error and change. Please consult the factory and visit www.phihong.com for the most
up-to-date specifications.
• Low Cost
• Non-vented/Spill-proof Case
• Class B EMI
• Low Profile Design
• Portable Equipment
• Networking
• Peripherals
• Gaming Machines
• cUL/UL
• TUV
• CE
• SAA
• C-Tick
• Meeting Cal. Prop. 65
• Length: 113mm (4.45in)
• Height: 34mm (1.34in)
• Width: 61mm (2.4in)
• Weight: 242g (8.5oz.)


Similar Part No. - PSA31U-180

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA31U-180 PHIHONG-PSA31U-180 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSA31U-180

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA31U-050 PHIHONG-PSA31U-050 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-050 PHIHONG-PSC30U-050 Datasheet
129Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V Datasheet
77Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com