Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS10GG-1205E21H10 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part No. PS10GG-1205E21H10
Description  PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

PS10GG-1205E21H10 Datasheet(HTML) 1 Page - PEAK electronics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MSS SERIES
PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
Available Inputs:
12 and 24 VDC Wide Input 2:1
Available Outputs:
5, 9, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
9-18 VDC (12 VDC), 18-36 VDC (24 VDC)
Filter
PI Filter
Isolation Specifications
Rated voltage
1000 VDC
Resistance
10
9 Ohm
Output Specifications
Voltage accuracy
+/- 2 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Continuous automatic restart
Line voltage regulation
+/- 0.5 % max.
Load voltage regulation
+/- 0.5 % max.
Temperature coefficient
+/- 0,03 % / °C
General Specifications
Efficiency
70 %
Switching frequency
75 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 25° C to + 71° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31.80 x 14.50 x 8.60 mm
1.25 x 0,57 x 0,34 inches
Weight
6.6 g
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
PS10GG-1205E2:1H10
9-18
20
231
5
400
72
PS10GG-1209E2:1H10
9-18
20
225
9
222
74
PS10GG-1212E2:1H10
9-18
20
213
12
168
78
PS10GG-1215E2:1H10
9-18
20
213
15
133
78
PS10GG-2405E2:1H10
18-36
12
112
5
400
74
PS10GG-2409E2:1H10
18-36
13
111
9
222
75
PS10GG-2412E2:1H10
18-36
11
107
12
168
78
PS10GG-2415E2:1H10
18-36
11
107
15
133
78


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn