Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP15B Datasheet(PDF) 1 Page - First Components International

Part # RGP15B
Description  1.5 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

RGP15B Datasheet(HTML) 1 Page - First Components International

  RGP15B Datasheet HTML 1Page - First Components International RGP15B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n HIGH TEMPERATURE METALLURGI-
CALLY BONDED CONSTRUCTION
n SINTERED GLASS CAVITY-FREE
JUNCTION
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
RGP15A . . . 15M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3mS, ½ Sine Wave Superimposed on Rated Load
Forward Voltage @ Rated Forward Current
and 25°C...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 55°C
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Page 6-22
Data Sheet
1.5 Amp FAST SWITCHING
MEGARECTIFIERS
RGP15A RGP15B RGP15D RGP15G RGP15J RGP15K RGP15M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
............................................. 1.5 ...............................................
............................................. 5 0 ...............................................
............................................. 1.3 ...............................................
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 5.0 ...............................................
............................................. 200 ...............................................
............................................. 2 5 ...............................................
............................................. 4 5 ...............................................
......................................... -65 to 175 ..........................................
µAmps
µAmps
pF
°C/W
nS
°C
n 1.5 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n TYPICAL I
R < 0.1 µAmp
< ..................... 150 ................... >
< ....... 500 ...... >
250
............................................. 100 ...............................................
.230
.300
1.00 Min.
.031 typ.
.104
.140
JEDEC
D0-15


Similar Part No. - RGP15B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP15B ZOWIE-RGP15B Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15B EIC-RGP15B Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP15B GE-RGP15B Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
RGP15B VISHAY-RGP15B Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Micro Commercial Compon...
RGP15B MCC-RGP15B Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP15B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGP10A FCI-RGP10A Datasheet
137Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
RGP20A FCI-RGP20A Datasheet
150Kb / 2P
   2.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
GUF15A FCI-GUF15A Datasheet
167Kb / 2P
   1.5 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
logo
List of Unclassifed Man...
GUF15 ETC-GUF15 Datasheet
150Kb / 2P
   1.5 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
logo
First Components Intern...
GP10 FCI-GP10 Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
RGPZ15A FCI-RGPZ15A Datasheet
155Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
1N5391GP FCI-1N5391GP Datasheet
142Kb / 2P
   1.5 Amp MEGARECTIFIERS
1N4933GP FCI-1N4933GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
RGP0212E FCI-RGP0212E Datasheet
122Kb / 2P
   0.5 Amp FAST SWITCHING MEGARECTIFIERS
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com