Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC62WV1M8EC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STC62WV1M8EC
Description  Very Low Power/Voltage CMOS SRAM 1M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV1M8EC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STC62WV1M8EC Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1M8EC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Revision 2.1
Jan.
2004
4
JEDEC
PARAMETER
NAME
NAME
DESCRIPTION
CYCLE TIME : 70ns
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
55
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
55
ns
t
E1LQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
70
--
--
55
ns
t
E2LQV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
--
--
55
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
30
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
10
--
--
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
10
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
--
--
35
--
--
30
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
--
--
30
--
--
25
ns
t
AXOX
t
OH
Data Hold from Address Change
10
--
--
10
--
--
ns
R0201-
STC62WV1M8
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
READ CYCLE
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
STC
STC62WV1M8
PARAMETER
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output
Timing Reference Level
0.5Vcc
Output Load
CL = 30pF+1TTL
CL = 100pF+1TTL
MIN.
TYP.
MAX.
Vcc=2.7~5.5V
MIN. TYP. MAX.
Vcc=3.0~5.5V
CYCLE TIME : 55ns


Similar Part No. - STC62WV1M8EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC ETC-STC62WV1024DC Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-55 ETC-STC62WV1024DC-55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-70 ETC-STC62WV1024DC-70 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DCG55 ETC-STC62WV1024DCG55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
More results

Similar Description - STC62WV1M8EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001_06 Datasheet
204Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com