Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14T3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SS14T3
Description  12 V, 3 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Datasheet(HTML) 5 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor SS14T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSS12200WT1G
http://onsemi.com
5
PACKAGE DIMENSIONS
SC−88/SC70−6/SOT−363
CASE 419B−02
ISSUE V
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419B−01 OBSOLETE, NEW STANDARD 419B−02.
E
0.2 (0.008) MM
12
3
D
e
A1
A
A3
C
L
65
4
−E−
b 6 PL
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.95
1.10
A1
0.00
0.05
0.10
A3
b
0.10
0.21
0.30
C
0.10
0.14
0.25
D
1.80
2.00
2.20
0.031
0.037
0.043
0.000
0.002
0.004
0.004
0.008
0.012
0.004
0.005
0.010
0.070
0.078
0.086
MIN
NOM
MAX
INCHES
0.20 REF
0.008 REF
HE
HE
E
1.15
1.25
1.35
e
0.65 BSC
L
0.10
0.20
0.30
2.00
2.10
2.20
0.045
0.049
0.053
0.026 BSC
0.004
0.008
0.012
0.078
0.082
0.086
STYLE 20:
PIN 1. COLLECTOR
2. COLLECTOR
3. BASE
4. EMITTER
5. COLLECTOR
6. COLLECTOR
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748


Similar Part No. - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12100UW3TCG ONSEMI-NSS12100UW3TCG Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com