Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4103PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB4103PBF
Description  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4103PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFB4103PBF Datasheet HTML 1Page - International Rectifier IRFB4103PBF Datasheet HTML 2Page - International Rectifier IRFB4103PBF Datasheet HTML 3Page - International Rectifier IRFB4103PBF Datasheet HTML 4Page - International Rectifier IRFB4103PBF Datasheet HTML 5Page - International Rectifier IRFB4103PBF Datasheet HTML 6Page - International Rectifier IRFB4103PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
1
1/5/05
IRFB4103PbF
Notes
 through … are on page 2
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes
the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode
reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance
factors such as efficiency, THD and EMI. Additional features of this MOSFET are 175°C operating junction
temperature and repetitive avalanche capability. These features combine to make this MOSFET a highly efficient,
robust and reliable device for ClassD audio amplifier applications.
PD - 96909
S
D
G
DIGITAL AUDIO MOSFET
TO-220AB
Features
• Key parameters optimized for Class-D audio
amplifier applications
• Low RDSON for improved efficiency
• Low QG and QSW for better THD and improved
efficiency
• Low QRR for better THD and lower EMI
• 175°C operating junction temperature for
ruggedness
• Can deliver up to 300W per channel into 8Ω load in
half-bridge topology
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
f
W
PD @TC = 100°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
1.05
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
f
–––
62
140
71
0.95
10lb
xin (1.1Nxm)
-55 to + 175
300
Max.
12
68
±30
200
17
VDS
200
V
RDS(ON) typ. @ 10V
139
m
:
Qg typ.
25
nC
Qsw typ.
15
nC
RG(int) typ.
1.0
TJ max
175
°C
Key Parameters


Similar Part No. - IRFB4103PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB4110 ISC-IRFB4110 Datasheet
137Kb / 2P
   isc N-Channel Mosfet Transistor
logo
Guangdong Youtai Semico...
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
   100 V N-Channel MOSFET
logo
Inchange Semiconductor ...
IRFB4110G ISC-IRFB4110G Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4110GPBF IRF-IRFB4110GPBF Datasheet
308Kb / 8P
   HEXFET Power MOSFET
IRFB4110PBF IRF-IRFB4110PBF Datasheet
710Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFB4103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com