Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4TD0635 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4TD0635
Description  Silicon Bipolar MMIC Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4TD0635 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4TD0635 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4TD0635 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4TD0635 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0635, MP4TD0636
Specification Subject to Change Without Notice
M-Pulse Microwave
__________________________________________________________________________________
3
PH (408) 432-1480
FX (408) 432-3440
NOISE FIGURE vs FREQUENCY
2
2.5
3
3.5
4
4.5
5
0.1
1
10
F RE Q UE NCY (G H z)
Id = 1 6 m A
Id =12m A
Id = 2 0 m A
REVERSE ISOLATION vs FREQUENCY
-2 3
-2 1
-1 9
-1 7
-1 5
-1 3
-1 1
0.1
1
10
F RE Q UE NCY (G H z)
Typical Scattering Parameters
Z0 = 50Ω, TA = +25°C, Id = 16 mA
Frequency
S11
S21
S12
S22
(GHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
0.1
0.055
-153.1
9.47
171.0
0.076
5.8
0.053
-55.9
0.2
0.068
-148.6
9.30
162.3
0.077
8.4
0.092
-79.0
0.3
0.094
-134.8
8.90
154.3
0.080
16.3
0.131
-101.8
0.4
0.111
-135.4
8.57
146.3
0.083
20.2
0.165
-113.0
0.5
0.134
-133.4
8.29
138.8
0.089
24.9
0.194
-123.2
0.6
0.156
-138.3
7.78
131.9
0.096
27.3
0.215
-135.2
0.7
0.175
-139.3
7.41
125.1
0.103
28.2
0.237
-142.7
0.8
0.200
-140.2
6.93
119.7
0.106
30.6
0.254
-153.5
0.9
0.224
-143.2
6.54
114.0
0.109
31.2
0.266
-159.7
1.0
0.243
-147.8
6.09
109.0
0.118
33.8
0.277
-167.4
1.5
0.334
-164.4
4.55
87.9
0.143
36.5
0.292
167.5
2.0
0.408
177.9
3.48
73.0
0.163
35.7
0.278
148.9
2.5
0.474
163.1
2.79
60.9
0.183
36.2
0.236
135.8
3.0
0.513
150.8
2.34
52.9
0.191
38.3
0.218
130.1
Ordering Information
Long Lead Model No.
Short Lead Model No.
Package
MP4TD0635
MP4TD0636
Ceramic
MP4TD0635T
MP4TD0636T
Tape and Reel
Mico-X Case Styles
(Long Lead)
(Short Lead)


Similar Part No. - MP4TD0635

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4TD0600 MPLUSE-MP4TD0600 Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0600G MPLUSE-MP4TD0600G Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0600W MPLUSE-MP4TD0600W Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0670 MPLUSE-MP4TD0670 Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0670T MPLUSE-MP4TD0670T Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results

Similar Description - MP4TD0635

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com