Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR840 Datasheet(PDF) 2 Page - First Components International

Part # FBR840
Description  8.0 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBR840 Datasheet(HTML) 2 Page - First Components International

  FBR840 Datasheet HTML 1Page - First Components International FBR840 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
8.0 Amp SCHOTTKY
BARRIER R ECTIFIERS
Page 7-13
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (V)
Typical Reverse Characteristics
Forward Voltage (V)
Forward Current Derating Curve
Average Forward Current (A)
Forward Power Dissipation
Case Temperature (oC)
Typical Forward Characteristics
Electrical Description
1
3
2
Case
T
J = 150
o
C
T
J = 25
o
C
T
J = 125
o
C
T
J = 100
o
C
T
J = 75
o
C
1
3
2
Case
Case Cathode, No Suffix Required
Case Anode, Use Suffix "R"


Similar Part No. - FBR840

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
50Kb / 2P
   FAST RECOVERY
FBR800 EIC-FBR800_05 Datasheet
50Kb / 2P
   FAST RECOVERY
FBR801 EIC-FBR801 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR801 EIC-FBR801 Datasheet
50Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR840

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR8150E SECOS-SR8150E Datasheet
187Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E Datasheet
340Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR8150 GWSEMI-SR8150 Datasheet
70Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840-8A-TO-220AC DGNJDZ-SR840-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR850-8A-TO-220AC DGNJDZ-SR850-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB860-8A-TO-220AC DGNJDZ-SB860-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840.8A-TO-220AC DGNJDZ-SR840.8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR8100E SECOS-SR8100E Datasheet
458Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com