Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP674AA Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP674AA
Description  12-bit Sampling A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AA Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP674AA Datasheet HTML 3Page - Sipex Corporation SP674AA Datasheet HTML 4Page - Sipex Corporation SP674AA Datasheet HTML 5Page - Sipex Corporation SP674AA Datasheet HTML 6Page - Sipex Corporation SP674AA Datasheet HTML 7Page - Sipex Corporation SP674AA Datasheet HTML 8Page - Sipex Corporation SP674AA Datasheet HTML 9Page - Sipex Corporation SP674AA Datasheet HTML 10Page - Sipex Corporation SP674AA Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
9
2
28
STS
DGND
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
1µF
1
15
VLOGIC
+5V
711
VCC
1µF
9
AGND
+15V
NO CONNNECTION
PERMITTED
8
10
VREF
OUT
VREF
IN
R2
100Ω
R1
100K
100K
-15V
+15V
100Ω
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
0TO10V
0TO20V
12–BIT SAR
COMP
STROBE
Figure 4. Unipolar Input Connections
Figure 5. Bipolar Input Connections
2
28
STS
DGND
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
1µF
1
15
VLOGIC
+5V
711
VCC
1µF
9
AGND
+15V
NO CONNECTION
PERMITTED
8
10
VREF
OUT
VREF
IN
100Ω
R1
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
12–BIT SAR
COMP
STROBE
100Ω
R2
±5V
±10V
and digital sections), and grounding. Digital
timing, calibration and the analog signal source
must be considered for correct operation.
To achieve specified accuracy, a double–sided
printed circuit board with a copper ground plane
on the component side is recommended. Keep
analog signal traces away from digital lines. It is
best to lay the PC board out such that there is an
analog section and a digital section with a single
point ground connection between the two through
an RF bead. If this is not possible, run analog


Similar Part No. - SP674AA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP674AA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com