Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH506DTI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH506DTI
Description  Tandem 600V HYPERFAST BOOST DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH506DTI Datasheet(HTML) 4 Page - STMicroelectronics

  STTH506DTI Datasheet HTML 1Page - STMicroelectronics STTH506DTI Datasheet HTML 2Page - STMicroelectronics STTH506DTI Datasheet HTML 3Page - STMicroelectronics STTH506DTI Datasheet HTML 4Page - STMicroelectronics STTH506DTI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STTH506TDI
4/5
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
25
50
75
100
125
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
IRM
S
Fig. 8: Relative variation of dynamic parameters
versus junction temperature (reference: Tj = 125°C).
V
(V)
FP
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
50
100
150
200
250
300
350
400
450
500
I=I
T =125°C
F
F(AV)
j
dI /dt(A/µs)
F
Fig. 9: Transient peak forward voltage versus
dIF/dt (typical values).
t (ns)
fr
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
dI /dt(A/µs)
F
Fig. 10:
Forward recovery time versus dIF/dt
(typical values).
S
0.20
0.30
0.40
0.50
0.60
0
50
100
150
200
250
300
350
400
450
500
I=I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
Fig. 7: Reverse recovery softness factor versus
dIF/dt (typical values).
C(pF)
1
10
100
1
10
100
1000
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Fig. 11: Junction capacitance versus reverse
voltage applied (typical values).


Similar Part No. - STTH506DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506D STMICROELECTRONICS-STTH506D Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
More results

Similar Description - STTH506DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
   Tandem 600V Hyperfast Rectifer
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
   TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
   800 V tandem hyperfast diode
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com