Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD10NG-053R3E21H30 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part No. PD10NG-053R3E21H30
Description  PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD10NG-053R3E21H30 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PD10NG-053R3E21H30 Datasheet HTML 1Page - PEAK electronics GmbH PD10NG-053R3E21H30 Datasheet HTML 2Page - PEAK electronics GmbH PD10NG-053R3E21H30 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
Electrical Specifications
(Typical at + 25℃ , nominal input voltage, rated output current unless otherwise specified)
Input Specifions
Voltage range
4.5-9, 9-18, 18-36 and 36-72 VDC Wide lnput
Filter
Capacitor type
lsolation Specifications
Rated voltage
3000 VDC
Resistance
1 GΩ
Capacitance
68 PF
Output Specifications
Voltage accuracy
+/−2 %, typ.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Continuous, auto restart
Line voltage regulation
+/−0.2 % typ.
Load voltage regulation
+/−0.5 % typ.
load = 10 ~ 100%
Temperature coefficient
+/−0.02 % / ℃
General Specifications
Efficiency
Refer to the table
Switching frequency
75 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
− 40 ℃ to + 80 ℃
Storage temperature
− 55 ℃ to + 125 ℃
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
21.80 x 9.20 x 11.10 mm
Case material
Non conductive black plastic
Samples of Partnumbers
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
(mA)
INPUT
CURRENT
FULL LOAD
(mA)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max.mA)
PD10NG-053R3E2:1H30
4.5 - 9
41
487
3,3
606
PD10NG-0505E2:1H30
4.5 - 9
37
455
5
400
PD10NG-0509E2:1H30
4.5 - 9
38
458
9
222
PD10NG-0512E2:1H30
4.5 - 9
37
452
12
167
PD10NG-0515E2:1H30
4.5 - 9
37
452
15
133
PD10NG-0524E2:1H30
4.5 - 9
37
452
24
83
PD10NG-123R3E2:1H30
9 - 18
24
237
3,3
606
PD10NG-1205E2:1H30
9 - 18
23
219
5
400
PD10NG-1209E2:1H30
9 - 18
22
215
9
222
PD10NG-1212E2:1H30
9 - 18
22
212
12
167
PD10NG-1215E2:1H30
9 - 18
22
212
15
133
PD10NG-1224E2:1H30
9 - 18
22
217
24
83
PD10NG-243R3E2:1H30
18 - 36
12
117
3,3
606
PD10NG-2405E2:1H30
18 - 36
12
111
5
400
PD10NG-2409E2:1H30
18 - 36
12
108
9
222
PD10NG-2412E2:1H30
18 - 36
12
105
12
167
PD10NG-2415E2:1H30
18 - 36
11
102
15
133
PD10NG-2424E2:1H30
18 - 36
11
106
24
83
PD10NG-483R3E2:1H30
36 - 72
8
58
3,3
606
PD10NG-4805E2:1H30
36 - 72
7
54
5
400
PD10NG-4809E2:1H30
36 - 72
7
53
9
222
PD10NG-4812E2:1H30
36 - 72
7
52
12
167
PD10NG-4815E2:1H30
36 - 72
7
52
15
133
PD10NG-4824E2:1H30
36 - 72
7
53
24
83
80
78
72
77
78
80
78
79
80
78
78
76
71
74
70
75
77
78
71
73
73
73
PART
NO.
EFFICIENCY FULL LOAD
(% TYP.)
72
68
Telefon: +49 (0)6135 931069
Telefax: +49 (0)6135 931070
www.peak-electronics.de
info@peak-electronics.de


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn