Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD6NG-053R3Z21H30 Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part No. PD6NG-053R3Z21H30
Description  PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD6NG-053R3Z21H30 Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PD6NG-053R3Z21H30 Datasheet HTML 1Page - PEAK electronics GmbH PD6NG-053R3Z21H30 Datasheet HTML 2Page - PEAK electronics GmbH PD6NG-053R3Z21H30 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
External capacitance:
Pin 3 (CTRL)
These converters will work with without external
Control pin (ON/OFF)
capacitors but they are necessary in order to
Output starts at low or open and stops when high.
guarantee the full line load range. All parts have
Voltage applied via a limiting resistor and switching
been tested using the following recommended
diode. The converter is in a low power mode during
values.
the high level phase.
Connection example
Pin 5 (NE)
This pin is used internally and must have have no external connection.
Application Notes
Pin 3: The outside control connection. This pin provides the converter output ON/OFF,
and the control common is referred to negative input.
Pin 5: This pin belongs to the secondary side. It just avoids someone to reverses the primary
and secondary.
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV: 1 / 03.2003
Cin
10uF/100V, low ESR.
Cout 1/ Cout 2
100uF/25V, low ESR.
MCU
Vcc-5V
CONVERTER
1K
1N4148
PIN 3
Converter
Cout 1
Cin
+ Vout
- Vout
+ Vin
- Vin
Cout 2
Com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn