Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD6NG-053R3Z21H30 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. PD6NG-053R3Z21H30
Description  PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD6NG-053R3Z21H30 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PD6NG-053R3Z21H30 Datasheet HTML 1Page - PEAK electronics GmbH PD6NG-053R3Z21H30 Datasheet HTML 2Page - PEAK electronics GmbH PD6NG-053R3Z21H30 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
Dimensions
3.20 typ.
0.50± 0.05
3.10 typ.
2.0± 0.50
2.54 typ.
Recommended footprint details
2,54
XX.X± 0.5m/m
XX.XX± 0.25m/m
Unit : mm
Derating Graph and Pinning
Output
Pin
Connection
#
Dual
1
V
Input
2
+
V
Input
3
Ctrl
4
Omitted
5NE
6
+
V
Output
7
V
Output
8
Com
Control input can be left open (3)
No external connection allowed (5)
21,8
9,2
11,10
0.25± 0.05
0.50± 0.05
1.0φ+0.15 /-0
2,54
Safe Operating Area
PEAK
Modelcode
1 2 3
5
6 7 8
Temperature Derating Graph
Ambient Temperature C
1.00W
40
0
40
80 100


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn