Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB42WG-2412Z21 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PB42WG-2412Z21
Description  1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PB42WG-2412Z21 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PB42WG-2412Z21 Datasheet HTML 1Page - PEAK electronics GmbH PB42WG-2412Z21 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
B7 SERIES
PB42WG-XXXXZ2:1 1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Available Inputs: 12, 24 and 48 VDC Wide Input 2:1
Available Outputs: (+/-) 3.3, 5, 9, 12 and 15 VDC
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
9 -18 VDC (12 VDC), 18 - 36 VDC (24 VDC), 36 -
72 VDC (48 VDC)
Filter
Pi Filter
Isolation Specifications
Rated voltage
1500 Vdc
Resistance
10
9 Ohm
Capacitance
350 pF typ.
Output Specifications
Voltage accuracy
+/- 1 % typ. +/-2% max.
Ripple and noise (at 20 MHz BW)
50 mV p-p typ. , 100/120 mV p-p (12/15 VDC
Output)
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 2 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
79 % to 84 %
Switching frequency
250 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
-25°C to +71°C
Storage temperature
- 55 °C to + 105 °C
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL
LOAD
(% TYP.)
PB42WG-123R3Z2:1
9 –18
20
870
+/- 3.3
+/- 1250
79
PB42WG-1205Z2:1
9 –18
25
1042
+/- 5
+/- 1000
80
PB42WG-1209Z2:1
9 –18
20
1006
+/- 9
+/- 550
82
PB42WG-1212Z2:1
9 –18
20
1000
+/- 12
+/- 415
83
PB42WG-1215Z2:1
9 –18
25
982
+/- 15
+/- 330
84
PB42WG-243R3Z2:1
18 – 36
12
441
+/- 3.3
+/- 1250
78
PB42WG-2405Z2:1
18 – 36
10
515
+/- 5
+/- 1000
81
PB42WG-2409Z2:1
18 – 36
10
503
+/- 9
+/- 550
82
PB42WG-2412Z2:1
18 – 36
10
506
+/- 12
+/- 415
82
PB42WG-2415Z2:1
18 – 36
10
497
+/- 15
+/- 330
83
PB42WG-483R3Z2:1
36 – 72
12
223
+/- 3.3
+/- 1250
77
PB42WG-4805Z2:1
36 – 72
10
254
+/- 5
+/- 1000
82
PB42WG-4809Z2:1
36 – 72
10
248
+/- 9
+/- 550
83
PB42WG-4812Z2:1
36 – 72
10
250
+/- 12
+/- 415
83
PB42WG-4815Z2:1
36 - 72
10
246
+/- 15
+/- 330
84
Remark:
1. Input Current is measured at Norminal Input Voltage, 9-18 is @ 12V, 18-36 is @ 24V, 36-72 is @ 48V


Similar Part No. - PB42WG-2412Z21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-2412Z21H30 PEAK-PB42WG-2412Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
More results

Similar Description - PB42WG-2412Z21

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-123R3E21 PEAK-PB42WG-123R3E21 Datasheet
210Kb / 2P
   1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
PB47WG-1205Z21 PEAK-PB47WG-1205Z21 Datasheet
194Kb / 2P
   PB47WG-XXXXZ2:1 1.5 KVDC ISOLATED 15 W REGULATED DUAL OUTPUT
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB47WG-1205E21 PEAK-PB47WG-1205E21 Datasheet
193Kb / 2P
   PB47WG-XXXXE2:1 1.5 KVDC ISOLATED 15 W REGULATED SINGLE OUTPUT
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P10TG-1205Z21 PEAK-P10TG-1205Z21 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com