Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PD6NG-053R3E21H30 Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part No. PD6NG-053R3E21H30
Description  PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

PD6NG-053R3E21H30 Datasheet(HTML) 3 Page - PEAK electronics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PD6NG-XXXXE2:1H30 3KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
External capacitance:
Pin 3 (CTRL)
These converters will work with without external
Control pin (ON/OFF)
capacitors but they are necessary in order to
Output starts at low or open and stops when high.
guarantee the full line load range. All parts have
Voltage applied via a limiting resistor and switching
been tested using the following recommended
diode. The converter is in a low power mode during
values.
the high level phase.
Connection example
Pin 8 (CS)
This pin provides a connection point to the main
reservoir capacitor. Additional capacitance can
be added from this to pin 7. Any low ESR
capacitor will improve ripple and noise in some
measure. Starting values can be in the range of
100uF.
Pin 5 (NE)
This pin is used internally and must have have no external connection.
Application Notes
Pin 3: The outside control connection. This pin provides the converter output ON/OFF,
and the control common is referred to negative input.
Pin 5: This pin belongs to the secondary side. It just avoids someone to reverses the primary
and secondary.
Pin 8: Max. 1000 uF
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV: 1 / 03.2003
Cin
10uF/100V, low ESR.
Cout
100uF/25V, low ESR.
MCU
Vcc-5V
CONVERTER
1K
1N4148
PIN 3
Converter
Cout
Cin
+ Vout
- Vout
+ Vin
- Vin


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn