Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB10FG-2415E21H30 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PB10FG-2415E21H30
Description  3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PB10FG-2415E21H30 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PB10FG-2415E21H30 Datasheet HTML 1Page - PEAK electronics GmbH PB10FG-2415E21H30 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MBB SERIES
PB10FG—XXXXE2:1H30 3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Available Inputs: 9 – 18 VDC Wide Input, 18 – 36 VDC Wide Input
Available Outputs: 5 and 15 VDC for 9 - 18 VDC Input
Available Outputs: 5, 12, 15 and 18 VDC for 18 - 36 VDC Input
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
12 VDC, 9~18 VDC, 24 VDC, 18~36 VDC
Filter
Pi Filter
Isolation Specifications
Rated voltage
3000 VDC
Resistance
1000 MOhm
Capacitance
80 pF typ.
Output Specifications
Voltage accuracy
+/- 1 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, typ.
Short circuit protection
Continuous and Auto - Restart
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0.5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
75 % to 78 %
Switching frequency
150 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 25° C to + 71° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Physical Characteristics
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT FULL
LOAD
Typ.
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
PB10FG-1205E2:1H30
9 - 18
222
5
400
75
PB10FG-1215E2:1H30
9 - 18
209
15
134
80
PB10FG-2405E2:1H30
18 - 36
113
5
400
74
PB10FG-2412E2:1H30
18 - 36
107
12
167
78
PB10FG-2415E2:1H30
18 - 36
105
15
134
80


Similar Part No. - PB10FG-2415E21H30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB10FG-2415E21 PEAK-PB10FG-2415E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
More results

Similar Description - PB10FG-2415E21H30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3Z21H30 PEAK-PB6FG-123R3Z21H30 Datasheet
218Kb / 2P
   3KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205Z21 PEAK-PB10FG-1205Z21 Datasheet
216Kb / 2P
   1KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
P6LG0503ZS PEAK-P6LG0503ZS Datasheet
177Kb / 2P
   3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
P6IU-0505E PEAK-P6IU-0505E Datasheet
214Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4
P6MG0503ZS PEAK-P6MG0503ZS Datasheet
268Kb / 2P
   3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com