Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PB10FG-1205E21 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. PB10FG-1205E21
Description  1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

PB10FG-1205E21 Datasheet(HTML) 2 Page - PEAK electronics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBB SERIES
PB10FG—XXXXE2:1 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
2.00 W
-25
0
40
80
100
71
Output
Safe Operating Area
PIN
Connection
#
Single
1
- V Input
2
- V Input
6
NC
8
NC
9
+ V Output
11
- V Output
15
+ V Input
16
+ V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn