Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PB6FG-123R3Z21 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part No. PB6FG-123R3Z21
Description  1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PB6FG-123R3Z21 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PB6FG-123R3Z21 Datasheet HTML 1Page - PEAK electronics GmbH PB6FG-123R3Z21 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MBB SERIES
PB6FG—XXXXZ2:1 1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
Available Inputs: 9 – 18 VDC Wide Input, 18 – 36 VDC Wide Input
Available Outputs: (+/-) 3.3 and 5 VDC for 9 - 18 VDC Input
Available Outputs: (+/-) 5, 12, 15 and 18 VDC for 18 - 36 VDC Input
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
12 VDC, 9~18 VDC, 24 VDC, 18~36 VDC
Filter
Pi Filter
Isolation Specifications
Rated voltage
1000 VDC
Resistance
1000 MOhm
Capacitance
80 pF typ.
Output Specifications
Voltage accuracy
+/- 1 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, typ.
Short circuit protection
Continuous and Auto - Restart
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 2 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
72 % to 75 %
Switching frequency
150 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 25° C to + 71° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Physical Characteristics
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
FULL
LOAD
Typ.
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
PB6FG-123R3Z2:1
9 - 18
115
+/- 3.3
+/- 150
72
PB6FG-1205Z2:1
9 - 18
114
+/- 5
+/- 100
73
PB6FG-2405Z2:1
18 - 36
57
+/- 5
+/- 100
73
PB6FG-2412Z2:1
18 - 36
66
+/- 12
+/- 50
76
PB6FG-2415Z2:1
18 - 36
67
+/- 15
+/- 40
75
PB6FG-2418Z2:1
18 - 36
58
+/- 18
+/- 30
77


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn