Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M65530FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M65530FP
Description  TRIPLE 10-BIT VIDEO D-A CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65530FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M65530FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI ICs (AV COMMON)
M65530FP
TRIPLE 10-BIT VIDEO D-A CONVERTER
4
DESCRIPTION OF PIN
Pin No.
Name
I/O
Function
It connects to ---
1 to 10
R0 to R9
I
Digital input pin for a DAC (Red channel).
DSP LSI
11 to 19, 21
G0 to G9
I
Digital input pin for a DAC (Green channel).
DSP LSI
20, 34, 35
N.C.
-
No connection.
It is grounded during actual use.
GND
22 to 31
B0 to B9
I
Digital input pin for a DAC (Blue channel).
DSP LSI
32
BLK
I
Analog output setting during a blanking interval.
Control LSI
33
CEB
I
Power-down control during unused conditions.
Control LSI
36 to 38
CLKR,G,B
I
Clock input.
DSP LSI
39
DVSS
-
Digital ground.
GND
40
VG2
O
Reference voltage for a current switch.
Bypass capacitor
41
AVSS
-
Analog ground.
GND
42 to 44
IrefR,G,B
O
The resistor for a conversion between voltage and current is
connected to this pin.
Current setting
resistor
45 to 47
VGR,G,B
I
A voltage input for an analog output current control.
It is connected to the VZ(pin 55) during an actual use.
Variable resistor
48, 50, 52
VG1R,G,B
O
Phase compensation for a reference current source.
Phase compen.
capacitor
49, 51, 53
VG1’R,G,B
I
A reference voltage input for a current matrix.
It is connected to VG1 according to the application.
Phase compen.
capacitor
54
AVSS
-
Analog ground.
GND
55
VZ
O
Reference voltage output.
Bypass capacitor
56, 60, 64
I OUT R,G,B
O
Analog output.
Output terminal
(filter)
57, 61, 65
I OUT RB,GB,BB
O
Inverse analog output.
GND
58, 59, 62
63, 66, 67
AVDD
-
Analog supply voltage of 5.0V.
Power supply
68
DVDD
-
Digital supply voltage of 5.0V.
Power supply


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn