Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M65530FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M65530FP
Description  TRIPLE 10-BIT VIDEO D-A CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65530FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M65530FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65530FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI ICs (AV COMMON)
M65530FP
TRIPLE 10-BIT VIDEO D-A CONVERTER
3
ELECTRICAL CHARACTERISTICS (Ta = 25°C, AVDD = DVDD = 5.00V, unless otherwise noted.)
In current measurement, (+) and (-) is corresponding to an inflow and an outflow current, respectively.
RECOMMENDED OPERATING CONDITIONS (Ta = 25°C, unless otherwise noted.)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
Res
Resolution
10
Bits
VDD
Supply voltage
4.75
5.00
5.25
V
DIDD
Digital supply current
8
mA
AIDD
Analog supply current
100
mA
NL
Integral nonlinearity
RL=75
Ω, Rref=750Ω
± 2.0
LSB
DNL
Differential nonlinearity
RL=75
Ω, Rref=750Ω
± 0.5
LSB
VIH
Digital input voltage "H"
2.15
VCC
V
VIL
Digital input voltage "L"
0
0.85
V
tsu
Data set-up time
5
ns
th
Data hold time
5
ns
ts
Settling time
RL=75
Ω, Rref=750Ω, ±1%FS
25
ns
VFS
Full-scale amplitude
RL=75
Ω, Rref=750Ω
2.0
VP-P
VZ
Regulated voltage source
1.28
V
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
VDD
Supply voltage
4.75
5.00
5.25
V
VIH
Digital input voltage (High)
2.15
VCC
V
VIL
Digital input voltage (Low)
0
0.85
V
tWH
Clock pulse width (High)
10
ns
tWL
Clock pulse width (Low)
10
ns
tsu
Set-up time
5
ns
th
Hold time
5
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn