Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7BU-0515E Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P7BU-0515E
Description  1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P7BU-0515E Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P7BU-0515E Datasheet HTML 1Page - PEAK electronics GmbH P7BU-0515E Datasheet HTML 2Page - PEAK electronics GmbH P7BU-0515E Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MA SERIES
P7BU-XXXXE 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
1000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % to 80 %
Switching frequency
80 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions DIP
12,70 x 10,16 x 6,85 mm
0,50 x 0,40 x 0,27 inches
Weight
1,8 g
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P7BU-0505E
5
25
320.5
5
250
78
P7BU-0512E
5
25
320.5
12
104
78
P7BU-0515E
5
25
320.5
15
84
78
P7BU-1205E
12
16
133.5
5
250
78
P7BU-1212E
12
16
133.5
12
104
78
P7BU-1215E
12
16
133.5
15
84
78
P7BU-2405E
24
8
66.8
5
250
78
P7BU-2412E
24
8
66.8
12
104
78
P7BU-2415E
24
8
66.8
15
84
78
P7BU-2424E
24
8
69
24
52
78


Similar Part No. - P7BU-0515E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P7BU-0515E PEAK-P7BU-0515E Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
More results

Similar Description - P7BU-0515E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P2BU-0505E PEAK-P2BU-0505E Datasheet
245Kb / 2P
   P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
P7BUI-053R33R3Z PEAK-P7BUI-053R33R3Z Datasheet
265Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED DUAL SEP. OUTPUT
P6BU-053R3E PEAK-P6BU-053R3E Datasheet
248Kb / 3P
   P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
P6BU-0505Z PEAK-P6BU-0505Z Datasheet
239Kb / 2P
   P6BU-XXXXZ 1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
logo
Microdc power Technolog...
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com