Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

P6LG0503ZS Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. P6LG0503ZS
Description  3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

P6LG0503ZS Datasheet(HTML) 2 Page - PEAK electronics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2 SERIES
P6LG-XXXXZS 3KV ISOLATED 0,6 – 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Dimensions
19,5 mm
9,50 mm
6,00 mm
1,25 mm
0,50 mm
0,25 mm
(0,76 inch)
(0,37 inch)
(0,05 inch)
(0,01 inch)
(0,02 inch)
(0,24 inch)
Peak
(0,02 inch)
0,5 mm
3,05 mm (0,12 inch)
Printed Face
MM/JJ
5
Modelcode
6
7
12
4
0,50 mm
(0,02 inch)
2,54 mm
15,20 mm
(0,10 inch)
(0,60 inch)
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.60 W
0.70 W
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual Split
1
+ V
Input
2
- V
Input
4
Omitted
5
+ V2 Output
6
Ground
7
+ V1 Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn