Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6DG-0503E Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6DG-0503E
Description  1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6DG-0503E Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6DG-0503E Datasheet HTML 1Page - PEAK electronics GmbH P6DG-0503E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P6DG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
Dimensions
PEAK
Modelcode
Datecode
Bottom View
17
8
14
6.88
(0.27)
3.05
(0.12)
20.32
(0.80)
15.24
(0.60)
2.54
(0.10)
0.50
(0.02)
All dimensions are typical in millimeters (inches).
Tolerance x.xx = +/- 0.30 (+/- 0.01)
Specification may change without notice.
Pin length is typical.
Derating Graph and Pinning
Safe operating area
Temperature Derating Graph
Ambient Temperature ° C
0.60
1.00
1.50
- 40
0
40
80
100
85
Output
in W
0.75
1.25
Pin
Connection
#
Single
1
- V Input
7
N. C.
8
Omitted
9
+ V Output
10
Omitted
11
- V Output
14
+ V Input
If specification prior to this data sheet is needed, please enquire.
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:A / 06.2003


Similar Part No. - P6DG-0503E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6DG-0505ELF PEAK-P6DG-0505ELF Datasheet
128Kb / 3P
   PM4-SERIES
P6DG-0509ELF PEAK-P6DG-0509ELF Datasheet
128Kb / 3P
   PM4-SERIES
More results

Similar Description - P6DG-0503E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6CG-0503E PEAK-P6CG-0503E Datasheet
102Kb / 2P
   P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
PZ5MG-0505E PEAK-PZ5MG-0505E Datasheet
186Kb / 2P
   PZ5MGxxxxE 3 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT DIP14
P6MG0503ZS PEAK-P6MG0503ZS Datasheet
268Kb / 2P
   3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com