Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9870GT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # C9870GT
Description  High Performance Pentium짰 4 Clock Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9870GT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button C9870GT Datasheet HTML 4Page - Cypress Semiconductor C9870GT Datasheet HTML 5Page - Cypress Semiconductor C9870GT Datasheet HTML 6Page - Cypress Semiconductor C9870GT Datasheet HTML 7Page - Cypress Semiconductor C9870GT Datasheet HTML 8Page - Cypress Semiconductor C9870GT Datasheet HTML 9Page - Cypress Semiconductor C9870GT Datasheet HTML 10Page - Cypress Semiconductor C9870GT Datasheet HTML 11Page - Cypress Semiconductor C9870GT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
C9870G
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07108 Rev. *A
12/26/2002
Page 8 of 25
Approved Product
AC Parameters (Cont.)
66 MHz
100 MHz
133 MHz
200 MHz
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
TDC
66B(0:2) Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
Tr / Tf
66B(0:2) rise and
fall times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
2, 3
TSKEW
Any 66B to any
66B Skew
-
175
-
175
-
175
175
pS
2, 4
Tpd
66IN to 66B(0:2)
propagation delay
2.5
4.5
2.5
4.5
2.5
4.5
2.5
4.5
nS
2, 4
TCCJ
66B(0:2) Cycle to
Cycle Jitter
-
100
-
100
-
100
-
100
pS
2, 4, 18
TDC
PCI_F(0:2) PCI
(0:6) Duty Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
PCI_F(0:2) PCI
(0:6) period
30.0
-
30.0
-
30.0
-
30
-
nS
1, 2, 4
THIGH
PCI_F(0:2) PCI
(0:6) high time
12.0
-
12.0
-
12.0
-
12.0
-
nS
19
TLOW
PCI_F(0:2) PCI
(0:6) low time
12.0
-
12.0
-
12.0
-
12.0
-
nS
20
Tr / Tf
PCI_F(0:2) PCI
(0:6) rise and fall
times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
3
TSKEW
Any PCI clock to
Any PCI clock
Skew
-
500
-
500
-
500
-
500
pS
2, 4
TCCJ
PCI_F(0:2) PCI
(0:6) Cycle to
Cycle Jitter
-
250
-
250
-
250
-
250
pS
2, 4
TDC
USB48M Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
USB48M period
20.8299
20.8333
20.8299
20.8333
20.8299
20.8333
20.8299
20.8333
nS
2, 4
Tr / Tf
USB48M rise and
fall times
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.10
nS
2, 3
TCCJ
USB48M Cycle to
Cycle Jitter
-
350
-
350
-
350
-
350
pS
1, 2, 4
TDC
DOT48 Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
DOT48 period
20.837
20.837
20.837
20.837
nS
2, 4
Tr / Tf
DOT48 rise and
fall times
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
nS
2, 4
TCCJ
DOT48Cycle to
Cycle Jitter
-
350
-
350
-
350
-
350
pS
2, 4


Similar Part No. - C9870GT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C987U472JZSDAA7317 KEMET-C987U472JZSDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDBA7317 KEMET-C987U472JZSDBA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDCA7317 KEMET-C987U472JZSDCA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDDA7317 KEMET-C987U472JZSDDA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZVDAA7317 KEMET-C987U472JZVDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
More results

Similar Description - C9870GT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
   High Performance Pentium 4 Clock Synthesizer
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
logo
Cypress Semiconductor
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
   High-performance SiS645/650 Pentium 4 Clock Synthesizer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com