Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JUA Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DTC123JUA
Description  Digital transistors (built-in resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DTC123JUA Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DTC123JUA Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DTC123JUA Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
℃)
Limits (DTC123J□
)
Parameter
Symbol
E
UA
KA
CA
SA
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-5~12
V
IO
100
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100µA
Input voltage
VI(on)
1.1
V
VO=0.3V, IO=5 mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=5mA/0.25mA
Input current
II
3.6
mA
VI=5V
Output current
IO(off)
0.5
µA
VCC=50V, VI=0
DC current gain
GI
80
VO=5V, IO=10mA
Input resistance
R1
1.54
2.2
2.86
KΩ
-
Resistance ratio
R2/R1
17
21
26
-
Transition frequency
fT
250
MHz
VO=10V, IO=-5mA, f=100MHz
Typical Characteristics


Similar Part No. - DTC123JUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JUA ROHM-DTC123JUA Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC123JUA TSC-DTC123JUA Datasheet
798Kb / 6P
   NPN Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTC123JUA SECOS-DTC123JUA Datasheet
348Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC123JUA ROHM-DTC123JUA Datasheet
4Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC123JUA ROHM-DTC123JUA Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC123JUA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com