Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6CG-0503E Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. P6CG-0503E
Description  P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

P6CG-0503E Datasheet(HTML) 2 Page - PEAK electronics GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
Dimensions
PEAK
Modelcode
Datecode
12
4
5
6
7
Printing
7.20
(0.28)
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
All dimensions are typical in millimeters (inches).
Tolerance x.xx = +/- 0.30 (+/- 0.01)
Specification may change without notice.
Derating Graph and Pinning
Safe operating area
Temperature Derating Graph
Ambient Temperature ° C
0.60 W
1.00 W
1.50 W
- 40
0
40
80
100
85
Output
0.75 W
1.25 W
PIN
Connection
#
Single
1
+ V Input
2
- V Input
4
- V Output
5
Omitted
6
+ V Output
7
Omitted
If specification prior to this data sheet is needed, please enquire.
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:A / 06.2003


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn