Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6CG0503ZS Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. P6CG0503ZS
Description  P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6CG0503ZS Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6CG0503ZS Datasheet HTML 1Page - PEAK electronics GmbH P6CG0503ZS Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2 SERIES
P6CG-XXXXZS 1KV ISOLATED 0,6 – 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Dimensions
19,5 mm
9,50 mm
6,00 mm
1,25 mm
0,50 mm
0,25 mm
(0,76 inch)
(0,37 inch)
(0,05 inch)
(0,01 inch)
(0,02 inch)
(0,24 inch)
Peak
(0,02 inch)
0,5 mm
3,05 mm (0,12 inch)
Printed Face
MM/JJ
5
Modelcode
6
7
12
4
0,50 mm
(0,02 inch)
2,54 mm
15,20 mm
(0,10 inch)
(0,60 inch)
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.60 W
0.70 W
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual Split
1
+ V
Input
2
- V
Input
4
+ V2 Output
5
Ground
6
+ V1 Output
7
Omitted
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn