Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6BU-0505Z Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part No. P6BU-0505Z
Description  P6BU-XXXXZ 1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6BU-0505Z Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6BU-0505Z Datasheet HTML 1Page - PEAK electronics GmbH P6BU-0505Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MA
SERIES
P6BU-XXXXZ 1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
(+ / - ) 3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
1000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
75 % to 85 %
Switching frequency
80 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions DIP
12,7 X 10,16 x 6,85 mm
0,5 x 0,4 x 0,24 inches
Weight
1,8 g
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P6BU-0505Z
5
16
281
+/-5
+/-100
71
P6BU-0512Z
5
18
303
+/-12
+/-50
79
P6BU-0515Z
5
20
262
+/-15
+/-35
80
P6BU-1205Z
12
11
119
+/-5
+/-100
70
P6BU-1212Z
12
10
125
+/-12
+/-50
80
P6BU-2405Z
24
6
55
+/-5
+/-100
76
P6BU-2412Z
24
8
65
+/-12
+/-50
76
P6BU-2415Z
24
8
58
+/-15
+/-35
76


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn