Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6BU-0505Z Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. P6BU-0505Z
Description  P6BU-XXXXZ 1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6BU-0505Z Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6BU-0505Z Datasheet HTML 1Page - PEAK electronics GmbH P6BU-0505Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MA
SERIES
P6BU-XXXXZ 1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.25 W
0.50 W
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual
1
- V Input
4
+ V Input
5
+ V Output
6
Omitted
7
Common
8
- V Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn