Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143TCA Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DTA143TCA
Description  Digital transistors (built-in resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DTA143TCA Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DTA143TCA Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DTA143TCA Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
℃)
Limits (DTA143T
□ )
Parameter
Symbol
E
UA
CA
KA
SA
Unit
Collector-base
voltage
V(BR)CBO
-50
V
Collector-emitter voltage
V(BR)CEO
-50
V
Emitter-base
voltage
V(BR)EBO
-5
V
Collector current
IC
-100
mA
Collector Power dissipation
PC
150
200
300
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Typical Characteristics
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
V
Ic=-50µA
Collector-emitter breakdown voltage
V(BR)CEO
-50
V
Ic=-1mA
Emitter-base breakdown voltage
V(BR)EBO
-5
V
IE=-50µA
Collector cut-off current
ICBO
-0.5
µA
VCB=-50V
Emitter cut-off current
IEBO
-0.5
µA
VEB=-4V
Collector-emitter saturation voltage
VCE(sat)
-0.3
V
IC=-5mA,IB=-0.25mA
DC current transfer ratio
hFE
100
600
VCE=-5V,IC=-1mA
Input resistance
R1
3.29
4.7
6.11
KΩ
Transition frequency
fT
250
MHz
VCE=-10V ,IE=5mA,f=100MHz


Similar Part No. - DTA143TCA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
DTA143TCA BILIN-DTA143TCA Datasheet
160Kb / 3P
   Digital Transistor
logo
Rectron Semiconductor
DTA143TCA RECTRON-DTA143TCA Datasheet
311Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
logo
Galaxy Semi-Conductor H...
DTA143TCA BILIN-DTA143TCA Datasheet
170Kb / 4P
   Digital Transistor
DTA143TCA BILIN-DTA143TCA Datasheet
170Kb / 4P
   Digital Transistor
DTA143TCA BILIN-DTA143TCA Datasheet
170Kb / 4P
   Digital Transistor
More results

Similar Description - DTA143TCA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com