Electronic Components Datasheet Search |
|
P2AU-1205E Datasheet(PDF) 1 Page - PEAK electronics GmbH |
|
P2AU-1205E Datasheet(HTML) 1 Page - PEAK electronics GmbH |
1 / 2 page Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de MA SERIES P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 Available Inputs: 5, 12 and 24 VDC Available Outputs: 3.3, 5, 7.2, 12, 15 and 18 VDC Other specifications please enquire. Electrical Specifications (Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range +/- 10 % Filter Capacitors Isolation Specifications Rated voltage 1000 VDC Leakage current 1 mA Resistance 10 9 Ohm Capacitance 80 pF typ. Output Specifications Voltage accuracy +/- 5 %, max. Ripple and noise (at 20 MHz BW) 100 mV p-p, max. Short circuit protection Momentary Line voltage regulation +/- 1,2 % / 1,0 % of Vin Load voltage regulation +/- 8 %, load = 20 ~ 100 % Temperature coefficient +/- 0,02 % / °C General Specifications Efficiency 55 % to 75 % Switching frequency 80 KHz, typ. Environmental Specifications Operating temperature (ambient) - 40° C to + 85° C Storage temperature - 55 °C to + 125 °C Humidity Up to 90 %, non condensing Cooling Free air convection Physical Characteristics Dimensions SIP 11,68 x 6,00 x 10,16 mm 0,46 x 0,24 x 0,40 inches Weight 1,8 g Case material Non conductive black plastic Examples of Partnumbers PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.) P2AU-0505E 5 14 77.00 05 50.00 65 P2AU-0512E 5 14 70.43 12 20.83 71 P2AU-0515E 5 14 70.43 15 16.66 71 P2AU-0524E 5 18 73.53 24 10.42 68 P2AU-1205E 12 12 32.06 05 50.00 65 P2AU-1212E 12 12 29.35 12 20.83 71 P2AU-1215E 12 12 29.35 15 16.66 71 P2AU-1505E 15 09 25.00 05 50.00 67 P2AU-2405E 24 07 17.95 05 50.00 58 P2AU-2412E 24 07 16.03 12 20.83 65 P2AU-2415E 24 07 16.03 15 16.66 65 |
Similar Part No. - P2AU-1205E |
|
Similar Description - P2AU-1205E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |