Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CJ79L12-SOT-89 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. CJ79L12-SOT-89
Description  Three-terminal negative voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ79L12-SOT-89 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ79L12-SOT-89 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ79L12-SOT-89 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  C
 
0.1μF 
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89 Encapsulate Three Terminal Voltage Regulator
CJ79L12 Three-terminal negative voltage regulator
FEATURES
Maximum Output current
IOM: 0.1 A
Output voltage
Vo: -1 V
 
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
 i
-35
Operating Junction Temperature Range
TOPR
0—+125 
        ℃ 
Storage Temperature Range
TSTG
     -55—+150 
        ℃ 
ELECTRICAL CHARACTERISTICS
(Vi=-19V,Io=40mA,0℃<Tj<125℃,C1=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Output voltage
Vo
VIN=-19V,IO=40mA
-11.5 
-12.0 
-12.5 
  V 
Line Regulation
Vo-VIN
VIN=-14.5~-27V, Io=40mA
 
50 
250 
  mV 
Load Regulation
Vo-IO
VIN=-19V, IO=1~100mA
 
24 
100 
  mV 
Quiescent Current
IQ
VIN=-19V, IO=40mA
 
 
6.5 
  mA 
Ripple Rejection
RR
VIN=-15V~ -25V,Io=40mA, eiN=1VP-P,
f =120Hz
37 
42 
 
  dB 
Output Noise VoItage
VNO
VIN=-19V, f=10Hz~100KH,Io=40mA
 
80 
 
  µV 
TYPICAL APPLICATION
Vi
2
3
VO
UTC
  
   Ci            
                                0.33μF                              
 
  CJ79L12
SOT-89 
1.GND 
 
2.IN 
 
3.OUT 
 


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CJ79L06 Three-terminal negative voltage regulator 1  List of Unclassifed Manufacturers
CJ79L09-TO-92 Three-terminal negative voltage regulator 1  2  Jiangsu Changjiang Electronics Technology Co., Ltd
7908 7908 THREE-TERMINAL NEGATIVE VOLTAGE REGULATOR IC 1  List of Unclassifed Manufacturers
CJ79L12-SOT-23-3L Three-terminal negative voltage regulator 1  2  Jiangsu Changjiang Electronics Technology Co., Ltd
CJ79L12-TO-92 Three-terminal negative voltage regulator 1  2  3  Jiangsu Changjiang Electronics Technology Co., Ltd
CJ7905F-TO-220F Three-terminal negative voltage regulator 1  Jiangsu Changjiang Electronics Technology Co., Ltd
CJ7905-TO-252 Three-terminal negative voltage regulator 1  Jiangsu Changjiang Electronics Technology Co., Ltd
CJ7906F-TO-220F Three-terminal negative voltage regulator 1  Jiangsu Changjiang Electronics Technology Co., Ltd
LM337 THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More ON Semiconductor
CJ79L05-SOT-23-3L Three-terminal negative voltage regulator 1  2  Jiangsu Changjiang Electronics Technology Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn