Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M64897GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M64897GP
Description  PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64897GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M64897GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64897GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI ICs (TV)
M64897GP
PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
2
DESCRIPTION OF PIN
ABSOLUTE MAXIMUM RATINGS (Ta=-20
°C to +75°C, unless otherwise noted)
Pin No.
Symbol
Pin name
Function
1
f in
Prescaler input
Input for the VCO frequency.
2
GND
GND
Ground to 0V.
3VCC1
Power supply voltage 1
Power supply voltage terminal. 5.0V
±0.5V
4VCC2
Power supply voltage 2
Power supply for band switching, Vcc1 to 10V
5
BS4
Band switching
outputs
PNP open collector method is used.
When the band switching data is "H", the output is ON.
When it is "L", the output is OFF.
6
BS3
7
BS2
8
BS1
9
VDC
DC-DC power
supply voltage
DC-DC power supply voltage terminal. 5.0V
±0.5V
10
Ipk
Peack current
detect
When potential difference with VDC terminal becomes more than 0.33V by current
limiting detector of DC-DC converter, the listing rises with off.
11
SWE
Switching output
DC-DC converter oscillator output.
12
+B
Power supply
voltage
Power supply voltage for turning voltage.
13
Vtu
Tuning output
This supplies the tuning voltage.
Vin
Filter input
(Charge pump output)
This is the output terminal for the LPF input and charge pump output. When the phase
of the programmable divider output (f 1/N) is ahead compared to the reference
frequency (fREF), the "source" current state becomes active.
If it is behind, the "sink" current becomes active.
If the phases are the same, the high impedance state becomes active.
14
15
LD/ftest
Lock detect /Test port
Lock detector output. When loop of phase locked loop locked it, it rises with "H" level
in "L" level or unlock.
In control byte data input, the programmabule freq. divider output and reference freq.
output is selected by the test mode.
16
ADC
AD converter input
A/D conversion of the input voltage.
17
SCL
Clock input
Data is read into the shift register when the clock signal falls.
SDA
Data input
Input for band SW and programmable freq. divider set up.
In lead mode, itoutputs lock detector output and power down flag and a state of 5 level
A/D converter.
18
19
ADS
Address switching input
Chip address sets it up with the input condition of terminal.
20
X in
This is connected to
the crystal oscillator
4.0MHz crystal oscillator is connected.
Symbol
Parameter
Conditions
Ratings
Unit
VCC1
Supply voltage 1
Pin3
6.0
V
VCC2
Supply voltage 2
Pin4
10.8
V
VI
Input voltage
Not to exceed Vcc1
6.0
V
VO
Output voltage
fREF output
6.0
V
VBSOFF
Voltage applied when
the band output is OFF
10.8
V
IBSON
Band output current
per 1 band output circuit
40.0
mA
tBSON
ON the time when the
band output is ON
40mA per 1 band output circuit
3circuits are pn at same time,
10
sec
Pd
Power dissipation
Ta=75
°C
255
mW
Topr
Operating temperature
-20 to +75
°C
Tstg
Storage temperature
-40 to +125
°C


Similar Part No. - M64897GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter for PC
More results

Similar Description - M64897GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64898GP RENESAS-M64898GP Datasheet
231Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter For PC
logo
Mitsubishi Electric Sem...
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
   PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter for PC
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Rohm
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com