Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10SG-0505Z Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P10SG-0505Z
Description  1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10SG-0505Z Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P10SG-0505Z Datasheet HTML 1Page - PEAK electronics GmbH P10SG-0505Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
M5 SERIES
P10SG-XXXXZ 1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
(+/-) 3.6, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Pi Network
Isolation Specifications
Rated voltage
1000 Vdc
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 2 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
65 % to 85 %
Switching frequency
125 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
-40°C to +85°C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31,75 x 20,32 x 10,16 mm
1,25 x 0,80 x 0,40 inches
Weight
12,2 g
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P10SG-0505Z
5
88
615
+/- 5
+/- 200
65
P10SG-0512Z
5
82
606
+/- 12
+/- 83
66
P10SG-1205Z
12
65
252
+/- 5
+/- 200
66
P10SG-2405Z
24
52
128
+/- 5
+/- 200
65
P10SG-2412Z
24
10
121
+/- 12
+/- 83
69


Similar Part No. - P10SG-0505Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10SG-0505ZH30 PEAK-P10SG-0505ZH30 Datasheet
194Kb / 2P
   3 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH30M PEAK-P10SG-0505ZH30M Datasheet
207Kb / 2P
   3 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH52 PEAK-P10SG-0505ZH52 Datasheet
194Kb / 2P
   5.2 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZLF PEAK-P10SG-0505ZLF Datasheet
137Kb / 3P
   2 Watt
P10SG-0505ZM PEAK-P10SG-0505ZM Datasheet
207Kb / 2P
   1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P10SG-0505Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10SG-0505ZM PEAK-P10SG-0505ZM Datasheet
207Kb / 2P
   1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P14SG-0505ZM PEAK-P14SG-0505ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6Z PEAK-P8SG-053R6Z Datasheet
199Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZM PEAK-P8SG-053R6ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH52 PEAK-P10SG-0505ZH52 Datasheet
194Kb / 2P
   5.2 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10TG-2405Z41 PEAK-P10TG-2405Z41 Datasheet
206Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH30M PEAK-P10SG-0505ZH30M Datasheet
207Kb / 2P
   3 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10TG-1205Z21H35M PEAK-P10TG-1205Z21H35M Datasheet
220Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10TG-2405Z41M PEAK-P10TG-2405Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P10TG-1205Z21 PEAK-P10TG-1205Z21 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com