Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ78L15 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ78L15
Description  Three-terminal positive voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L15 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ78L15 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
C0
0.1µF
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Three-terminal Voltage Regulator
CJ78L15 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
0.1
A
Output voltage
VO:
15
V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
Vi
30
V
Operating Junction Temperature Range
TOPR
0~+150
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (Vis=23V,Io=40mA,0
℃<Tj<125℃,C1=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
14.4
15
15.6
V
17.5V≤Vi≤30V, Io=1mA~40mA
14.25
15
15.75
V
Output voltage
Vo
Vi=23V, Io=1mA~70mA
14.25
15
15.75
V
(note)
Tj=25
℃, Io=1mA-100mA, Vi=23V
25
150
mV
Load Regulation
∆Vo
Tj=25
℃, Io=1mA-40mA, Vi=23V
15
75
mV
17.5V≤Vi≤30V, Tj=25
℃ ,Io=40mA
65
300
mV
Line regulation
∆Vo
19V≤Vi≤30V, Tj=25
℃,Io=40mA
58
250
mV
Quiescent Current
Iq
4.6
6.5
mA
∆Iq
19V≤Vi≤30V, Io=40mA
1.5
mA
Quiescent Current Change
∆Iq
1mA≤I O≤40mA, Vi=23V
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz, Ts=25
82
µV
Ripple Rejection
RR
18.5V≤Vi≤28.5V,f=120Hz,
25
℃≤Tj≤125℃
34
39
dB
Dropout Voltage
Vd
Tj=25
1.7
V
TYPICAL APPLICATION
vi
3
1
Vo
UTC
Ci
0.33µF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
1 2 3
CJ78L15
TO-92
1. OUT
2. GND
3. IN


Similar Part No. - CJ78L15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ78L15 JIANGSU-CJ78L15 Datasheet
108Kb / 2P
   Three-terminal positive voltage regulator
CJ78L15 JIANGSU-CJ78L15 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ78L15-SOT-89 JIANGSU-CJ78L15-SOT-89 Datasheet
108Kb / 2P
   Three-terminal positive voltage regulator
logo
ZP Semiconductor
CJ78L15-SOT89-3L ZPSEMI-CJ78L15-SOT89-3L Datasheet
785Kb / 2P
   SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ78L15-TO92 ZPSEMI-CJ78L15-TO92 Datasheet
796Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulators
More results

Similar Description - CJ78L15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com