Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

416131160803 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 416131160803
Description  WS-DISV Small Compact SMT Dip Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

416131160803 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  416131160803 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 416131160803 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
1,22
1,27
0,45 ±0,05
L
u0,3
5,0 ±0,3
6,7 ±0,3
7,5 ±0,3
4:1
Dimensions:
Properties
Value
Unit
Poles
3
Length
L
4.98
mm
Recommended Land Pattern: [mm]
1,27
0,76
4:1
Schematic:
1
2
3
4
N
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
ICh
001.002
2021-04-26
DIN ISO 2768-1m
DESCRIPTION
WS-DISV Small Compact SMT Dip
Switch
ORDER CODE
416131160803
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Flat Actuator with top tape 1.27 mm
eiCan
Valid
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 416131160803

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
4161311608XX WURTH-4161311608XX Datasheet
70Kb / 1P
   SwDISV Flat actuator with top tape sealed
More results

Similar Description - 416131160803

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
418117270905 WURTH-418117270905 Datasheet
480Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
4181212708XX WURTH-4181212708XX Datasheet
101Kb / 1P
   WS-DISV Raise actuator without top tape
Omron Electronics LLC
Omron Electronics LLC
A6SN OMRON-A6SN Datasheet
281Kb / 3P
   Slide DIP Switch (SMT)
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
434133025816 WURTH-434133025816 Datasheet
574Kb / 7P
   WS-TASV J-Bend SMT Tact Switch
001.001
418217270906A WURTH-418217270906A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270910A WURTH-418217270910A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270902A WURTH-418217270902A Datasheet
375Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270903A WURTH-418217270903A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
Tyco Electronics
Tyco Electronics
ADF06ST04 MACOM-ADF06ST04 Datasheet
321Kb / 3P
   DIP SWITCH, ADF-SMT SERIES
ADF04ST04 MACOM-ADF04ST04 Datasheet
321Kb / 3P
   DIP SWITCH, ADF-SMT SERIES
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz