Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNQ13001 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. LNQ13001
Description  FULL COLOR LED LAMP FOR OUTDOOR USE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

LNQ13001 Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
372
FULL COLOR LED LAMP FOR OUTDOOR USE
フルカラー屋外用大型 LED ランプ
V
φ 30 mm LNQ13001
■絶対最大定格 Absolute Maximum Ratings (Ta
= 25°C)
■主なる仕様 Main Specifications (Ta
= 25°C)
項  目
Item
Symbol
Unit
■外  形  図
 Outline Drawing
条件 Condetions
定格 Ratings
順方向電圧
逆方向電流
ピーク発光波長
光度
視認角(1cd 以上)
質量
Forward Voltage
Reverse Current
Peak Emission Wavelength
Luminous Intensity
Viewing Angle (1 cd up)
Mass
VF
IR
λ
P
IO
θ
Red
Green
IF = 20 mA
IF = 40 mA
VR = 15 V
VR = 20 V
IF = 20 mA
IF = 40 mA
IF = 20 mA
IF = 40 mA
IF = 60 mA
IF = 60 mA
Typ 9.0
Typ 11.0
Max 100
Max 20
Typ 650
Typ 565
Typ 1.2
Typ 1.3
Typ 2.5
Typ
± 25
25
V
µ A
µ A
nm
nm
cd
cd
cd
°
g
mW
項  目
Item
Symbol
Unit
条件 Condetions
定格 Ratings
許容損失
順方向電流
逆方向電圧
Pwer Dissipation
Supply Current for LED
Reverse Voltage
PD
IF
VR
Red
Green
Blue
Red
Green
25 mA
× 1
25 mA
× 2
300
700
1,000
25
50
15
− 25 ∼ + 60
− 30 ∼ + 80
mW
mW
mA
mA
V
V
°C
°C
動作周囲温度 Operating Ambient Temperature
Topr
Red
Green
Red
Green
Red
Green
Amber
Amber
保存温度 Storage Temperature
Tstg
Red
Green
20


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn