Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY15B102QN Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # CY15B102QN
Description  2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY15B102QN Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button CY15B102QN Datasheet HTML 14Page - Infineon Technologies AG CY15B102QN Datasheet HTML 15Page - Infineon Technologies AG CY15B102QN Datasheet HTML 16Page - Infineon Technologies AG CY15B102QN Datasheet HTML 17Page - Infineon Technologies AG CY15B102QN Datasheet HTML 18Page - Infineon Technologies AG CY15B102QN Datasheet HTML 19Page - Infineon Technologies AG CY15B102QN Datasheet HTML 20Page - Infineon Technologies AG CY15B102QN Datasheet HTML 21Page - Infineon Technologies AG CY15B102QN Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Datasheet
18 of 43
002-19073 Rev. *N
2022-01-20
2Mb EXCELON™ Auto Ferroelectric RAM (F-RAM)
Serial (SPI), 256K × 8, automotive grade 1
Functional description
6.1.6.2
Special sector read (SSRD, 4Bh)
After the falling edge of CS, the bus master can issue an SSRD opcode. Following the SSRD command is a
three-byte address containing the 8-bit address (A7–A0) of the first byte of the special sector read operation. The
upper 16 bits of the address are ignored. After the opcode and address are issued, the device drives out the read
data on the next eight clocks. The SI input is ignored during read data bytes. Subsequent bytes are data bytes,
which are read out sequentially. Addresses are incremented internally as long as the bus master continues to
issue clocks and CS is LOW. Once the internal address counter auto increments to XXXFFh, CS should toggle HIGH
to terminate the ongoing SSRD operation. Data is read on MSb first. The rising edge of CS terminates a special
sector read operation and tristates the SO pin. The CY15X102QN special sector read operation is shown in
Figure 14.
Note The special sector F-RAM memory guarantees to retain data integrity up to three cycles of standard reflow
soldering.
Figure 14
Special sector read operation
6.1.7
Identification and serial number commands
6.1.7.1
Read device ID (RDID, 9Fh)
The CY15X102QN device can be interrogated for its manufacturer, product identification, and die revision. The
RDID opcode 9Fh allows the user to read the 9-byte manufacturer ID and product ID, both of which are read-only
bytes. The JEDEC-assigned manufacturer ID places the CYPRESS™ (Ramtron) identifier in bank 7; therefore, there
are six bytes of the continuation code 7Fh followed by the single byte C2h. There are two bytes of product ID,
which includes a family code, a density code, a sub code, and the product revision code. Table 6 shows 9-Byte
Device ID field description. Refer to “Ordering information” on page 35 for 9-Byte device ID of an individual part.
The CY15X102QN read device ID operation is shown in Figure 15.
Note The least significant data byte (Byte 0) shifts out first and the most significant data byte (Byte 8) shifts out
last.
Table 7
9-byte device ID
Device ID field description
Manufacturer
ID
[71:16]
Family
[15:13]
Density
[12:9]
Inrush
[8]
Sub type
[7:5]
Revision
[4:3]
Voltage
[2]
Frequency
[1:0]
56-bit
3-bit
4-bit
1-bit
3-bit
2-bit
1-bit
2-bit
0
123
4
5
67
CS
SI
SCK
0
1
23
45
6
7
SO
01
00
1
0
1
1
D7 D6
D5
D4 D3 D2 D1
D0
Hi-Z
Hi-Z
MSB
LSB
Opcode (4Bh)
Read Data
A23
0
123
4
21
22
23
A22
A20
A21
A3
A2
A1
A0
Address
20


Similar Part No. - CY15B102QN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
More results

Similar Description - CY15B102QN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
   16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
CY15B116QN INFINEON-CY15B116QN Datasheet
353Kb / 36P
   16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial
Rev. E 2022-05-25
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
   8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
   16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com