Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC4075 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KTC4075
Description  TRANSISTOR竊뉿PN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTC4075 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTC4075 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTC4075 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.3
2.4
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
KTC4075
TRANSISTOR(NPN )
FEATURES
Power dissipation
PCM :
0.1
W(Tamb=25℃)
Collector current
ICM:
0.15
A
Collector-base voltage
V(BR)CBO :
60
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃ 
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC = 100 μA,
IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 1mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=60 V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
DC current gain
hFE
VCE= 6V, IC=2mA
70
700
Collector-emitter saturation voltage
VCEsat
IC=100mA, IB= 10mA
0.25
V
Transition frequency
fT
VCE=10V,
IC= 1mA
80
MHz
Collector output capacitance
Cob
VCE=10V, IE=0,f=1MHz
3.5
dB
Noise figure
NF
VCE=6 V,IE=0.1mA, f=1KHz,RG=10K?
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70~140
120~240
200~400
350~700
Marking
LO
LY
LGR
LBL
Unit : mm
SOT—23
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - KTC4075

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4075 KEC-KTC4075 Datasheet
399Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Jiangsu Changjiang Elec...
KTC4075 JIANGSU-KTC4075 Datasheet
182Kb / 3P
   TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTC4075 HTSEMI-KTC4075 Datasheet
907Kb / 3P
   TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
KTC4075 MAKOSEMI-KTC4075 Datasheet
121Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - KTC4075

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D882-TO-251 JIANGSU-D882-TO-251 Datasheet
1,017Kb / 3P
   TRANSISTOR竊뉿PN竊
MMBTA13 JIANGSU-MMBTA13 Datasheet
410Kb / 4P
   TRANSISTOR竊뉿PN竊
logo
SHENZHEN YONGERJIA INDU...
2SC4617 WINNERJOIN-2SC4617 Datasheet
107Kb / 1P
   TRANSISTOR竊뉿PN)
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
KSC2331-TO-92L JIANGSU-KSC2331-TO-92L Datasheet
80Kb / 1P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
A94 JIANGSU-A94 Datasheet
454Kb / 3P
   TRANSISTOR竊?PNP 竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com