Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK645 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK645
Description  HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK645 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK645 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK645 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK645 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK645 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK645 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK645 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2.0
0.5
80
10
1.3
-
10
80
±3.0
5.0
12
-
STATIC CHARACTERISTICS
Quiescent Current (VHV)
Quiescent Current (+VBIAS)
VHV Power Supply Range
VBIAS Power Supply Range
Video Input Voltage
DYNAMIC CHARACTERISTICS
Video Gain
Video Gain Flatness
2
Video Output Rise/Fall Time
Video Output Overshoot
2
Bandwidth -3dB
2
mA
mA
V
V
V
V
V
V/V
dB
nS
%
MHz
Storage Temperature Range
Lead Temperature Range
(Solder 10 Seconds)
Junction Temperature
Case Operating Temperature
MSK645
MSK645(B)
+VHV
+VIN
+VBIAS
IOUT
High Voltage Supply
Input Voltage
Bias Input Voltage
Peak Output Current
+80V
±5V
+10V
200mA
TST
TLD
TJ
TC
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
+300°C
+175°C
-40°C to +85°C
-55°C to +125°C
ELECTRICAL SPECIFICATIONS
Min.
Typ.
Max.
VIN=No Connect RL=
VIN=No Connect RL=
VOUT=+50VDC
Output Stage
Junction to Case @ 125°C
High Level
Low Level
F=1MHz;VOUT=+15Vto+45V
F=10Hz to 60MHz;VOUT=30VPP
VOUT=+15Vto+45V
VOUT=10VPP VINTR=10nS
-
-
20
4
0.4
50
-
45
-
-
-
100
0.6
0.01
60
5
0.85
59
5
60
±1.0
3.0
-
150
-
-
20
4
0.5
50
-
45
-
-
-
100
0.6
0.01
60
5
0.85
59
5
62
±1.0
3.0
-
150
1,2,3
1,2,3
-
-
1,2,3
4
4
4
-
4
-
4
Min.
Typ.
Max.
MSK 645(B)
MSK 645
Video Output Voltage
2.0
0.5
80
10
1.2
-
10
80
±2.0
4.0
10
-
1
2
3
4
5
6
7
NOTES:
+VHV=60V; +VBIAS=5V; RL=10K
Ω; unless otherwise specified.
Parameter is guaranteed by design but not tested. Typical specifications are representative of actual device
performance at 25°C but are for reference only.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Refer to the video clip point curve on the Typical Performance Curves page.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance
and/or life cycle.
6
Parameter
Test Conditions
Group A
Subgroup
1
Units
Rev. D 10/05
2
Thermal Resistance
2
--
26
30
26
32
-
°C/W
7


Similar Part No. - MSK645

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
   WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK640B MSK-MSK640B Datasheet
359Kb / 6P
   WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
   WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641B MSK-MSK641B Datasheet
290Kb / 6P
   WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
   WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results

Similar Description - MSK645

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1900 MSK-MSK1900 Datasheet
254Kb / 6P
   HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1911 MSK-MSK1911 Datasheet
197Kb / 6P
   HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901 MSK-MSK1901 Datasheet
170Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
   High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
   High Voltage Display Driver
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
[Old version datasheet]   High Voltage Display Driver
logo
National Semiconductor ...
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
   High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
   High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com