Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C51FA-IB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P80C51FA-IB
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51FA-IB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P80C51FA-IB Datasheet HTML 5Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 6Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 7Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 8Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 9Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 10Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 11Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 12Page - NXP Semiconductors P80C51FA-IB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
87C51RA+/RB+/RC+/RD+ AND 80C51RA+ ORDERING INFORMATION
MEMORY SIZE
8K
× 8
MEMORY SIZE
16K
× 8
MEMORY SIZE
32K
× 8
MEMORY SIZE
64K
× 8
ROMless
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P83C51RA+4N
P83C51RB+4N
P83C51RC+4N
P83C51RD+4N
P80C51RA+4N
0 to +70,
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51RA+4N
P87C51RB+4N
P87C51RC+4N
P87C51RD+4N
P80C51RA+4N
,
40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51RA+4A
P83C51RB+4A
P83C51RC+4A
P83C51RD+4A
P80C51RA+4A
0 to +70,
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51RA+4A
P87C51RB+4A
P87C51RC+4A
P87C51RD+4A
P80C51RA+4A
,
44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51RA+4B
P83C51RB+4B
P83C51RC+4B
P83C51RD+4B
P80C51RA+4B
0 to +70,
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51RA+4B
P87C51RB+4B
P87C51RC+4B
P87C51RD+4B
P80C51RA+4B
,
44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51RA+5N
P83C51RB+5N
P83C51RC+5N
P83C51RD+5N
P80C51RA+5N
–40 to +85,
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51RA+5N
P87C51RB+5N
P87C51RC+5N
P87C51RD+5N
P80C51RA+5N
,
40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51RA+5A
P83C51RB+5A
P83C51RC+5A
P83C51RD+5A
P80C51RA+5A
–40 to +85,
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51RA+5A
P87C51RB+5A
P87C51RC+5A
P87C51RD+5A
P80C51RA+5A
,
44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51RA+5B
P83C51RB+5B
P83C51RC+5B
P83C51RD+5B
P80C51RA+5B
–40 to +85,
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51RA+5B
P87C51RB+5B
P87C51RC+5B
P87C51RD+5B
P80C51RA+5B
,
44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51RA+IN
P83C51RB+IN
P83C51RC+IN
P83C51RD+IN
P80C51RA+IN
0 to +70,
5V
0to33
SOT129 1
OTP
P87C51RA+IN
P87C51RB+IN
P87C51RC+IN
P87C51RD+IN
P80C51RA+IN
,
40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51RA+IA
P83C51RB+IA
P83C51RC+IA
P83C51RD+IA
P80C51RA+IA
0 to +70,
5V
0to33
SOT187 2
OTP
P87C51RA+IA
P87C51RB+IA
P87C51RC+IA
P87C51RD+IA
P80C51RA+IA
,
44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51RA+IB
P83C51RB+IB
P83C51RC+IB
P83C51RD+IB
P80C51RA+IB
0 to +70,
5V
0to33
SOT307 2
OTP
P87C51RA+IB
P87C51RB+IB
P87C51RC+IB
P87C51RD+IB
P80C51RA+IB
,
44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
ROM
P83C51RA+JN
P83C51RB+JN
P83C51RC+JN
P83C51RD+JN
P80C51RA+JN
–40 to +85,
5V
0to33
SOT129 1
OTP
P87C51RA+JN
P87C51RB+JN
P87C51RC+JN
P87C51RD+JN
P80C51RA+JN
,
40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51RA+JA
P83C51RB+JA
P83C51RC+JA
P83C51RD+JA
P80C51RA+JA
–40 to +85,
5V
0to33
SOT187 2
OTP
P87C51RA+JA
P87C51RB+JA
P87C51RC+JA
P87C51RD+JA
P80C51RA+JA
,
44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51RA+JB
P83C51RB+JB
P83C51RC+JB
P83C51RD+JB
P80C51RA+JB
–40 to +85,
5V
0to33
SOT307-2
OTP
P87C51RA+JB
P87C51RB+JB
P87C51RC+JB
P87C51RD+JB
P80C51RA+JB
,
44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
Note: For Multi Time Programmable devices, See P89C51RX+ Flash datasheet.


Similar Part No. - P80C51FA-IB

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
P80C51FA ROCHESTER-P80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
P80C51FA2 ROCHESTER-P80C51FA2 Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
More results

Similar Description - P80C51FA-IB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com