Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSK5041-3.3H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part No. MSK5041-3.3H
Description  HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSK [M.S. Kennedy Corporation]
Homepage  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5041-3.3H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5041-3.3H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Within SOA
1.0A
≤IOUT≤4.5A
IOUT=3.0A 6V
≤VIN≤20V
Internal IOUT
≥1.5A
High
Low
VEN=VIN
VEN=0V
VEN=0V VIN=30V
Positive
Negative
Source
Fault Sink
VIN=5.0V IOUT=3.0A
VIN=5.0V IOUT=3.0A
VIN=5.0V IOUT=3.0A
VIN=6V IOUT=3.0A
Enable Input Voltage
Enable Input Current
Current Limit Threshold
Cton Current
Efficiency
8
5041-1.9
5041-2.5
5041-3.3
5041-5.0
V
V
V
V
V
V
V
V
V
A
%
%/V
KHz
V
V
µA
µA
mA
mV
mV
µA
mA
%
%
%
%
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5041 Series
MSK5041H/E Series
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
Input Voltage
Enable Voltage
Output Current
Sense Pin Voltage
Thermal Resistance
(Each MOSFET)
-0.3V, +36V
-0.3V, +36V
9.0 Amps
-0.3V, +7V
12°C/W
1,2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
-
1,2,3
-
1,2,3
1,2,3
1
1
1
1
1
1
1
1
1
1
1
Input Supply Range
Output Current
Load Regulation
Line Regulation
Oscillator Frequency
Disabled Quiescent Current
-
1.9
-
2.5
-
3.3
-
5.0
-
9.0
2.5
0.06
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
70
80
90
95
ELECTRICAL SPECIFICATIONS
4.75
1.88
1.8
2.47
2.38
3.27
3.14
4.95
4.75
8.0
-
-
270
2.0
-
-
-
-
80
-50
2.5
2.0
-
-
-
-
-
1.9
1.9
2.5
2.5
3.3
3.3
5.0
5.0
9.0
2.5
0.06
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
70
80
90
95
30
1.92
2.0
2.53
2.63
3.33
3.47
5.05
5.25
-
-
0.10
330
-
0.5
2.0
2.0
2.5
120
-160
6.5
-
-
-
-
-
4.75
1.86
-
2.45
-
3.23
-
4.9
-
8.0
-
-
270
2.0
-
-
-
-
75
-45
2.5
2.0
-
-
-
-
30
1.94
-
2.55
-
3.37
-
5.1
-
-
-
0.12
330
-
0.5
2.0
2.0
2.5
125
-165
6.5
-
-
-
-
-
Group A
Subgroup
Min.
Typ.
Max.
Min.
Typ.
Max.
MSK 5041 SERIES
MSK 5041H SERIES
Units
Test Conditions
Parameter
1
2
2
2
2
2
2
2
7
1
2
3
4
5
6
7
8
9
VIN=Enable, 5mV
≤(sense high-sense low)≤25mV, IL=0A, COUT=10x330µF, CIN=10x220µF, CTON=0.01µF unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Actual switching frequency can be load dependent if output current is low. Refer to typical performance curves.
Alternate output voltages are available. Please contact the factory.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
NOTES:
2
8
2
8
8
Output Voltage 5041-1.9
Output Voltage 5041-2.5
Output Voltage 5041-3.3
Output Voltage 5041-5.0
IOUT=3.0A VIN=5.0V
IOUT=3.0A VIN=5.0V
IOUT=3.0A VIN=5.0V
IOUT=3.0A VIN=6V
Rev. B 2/06
9


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn