Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STX5525 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STX5525
Description  Dual SDTV/DVR set-top box decoder
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STX5525 Datasheet(HTML) 1 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
STx5525
Dual SDTV/DVR set-top box decoder
Rev. 1
DESCRIPTION
STMicroelectronics introduces the
first
silicon
device to support the Secure Video Processor
standard: STx5525 STB decoder.
Developed specifically to be an open standard,
SVP technology gives consumers total confidence
that legitimately purchased content can be viewed
on
a
variety
of
devices
from
different
manufacturers.
The STx5525 device offers two embedded USB2.0
host ports and a SATA interface to satisfy the
requirements of all major TV operators while the
high performance 400 MHz ST200 CPU powers
ever more demanding applications and operating
systems.
The
STx5525
is
the
first
device
from
STMicroelectronics to support both dual TV and
dual DVR capability from a single device. This
enables broadcasters to offer innovative upgrade
opportunities
without
the
incurring
significant
installation costs.
Adding ST’s flash, audio and video buffers, smart
card devices and a choice of demodulators and
silicon tuners, the STx5525 forms the core of a
comprehensive portfolio of products targeting
powerful, cost effective satellite, cable and terrestri-
al set-top boxes.
Figure 1. Package
(27 x 27 PGBGA 416, 1 mm pitch)
Figure 2. STx5525
xxxx
STV0288
x 4
Tuner
x 4
Tuner
x 4
Tuner
x 4
x 4
x 4
STV0360
STV0297J
STx5525
Smart
card
buffer
buffer
buffer
Audio
Video
Video
Audio
buffer
NOR
Flash
IR
RX/TX
SDR/DDR
HDD


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn